Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95128-RMN6TP Datasheet(PDF) 9 Page - STMicroelectronics

Part # M95128-RMN6TP
Description  128 Kbit Serial SPI bus EEPROM with high speed clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMN6TP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M95128-RMN6TP Datasheet HTML 5Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 6Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 7Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 8Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 9Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 10Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 11Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 12Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
M95128, M95128-W, M95128-R
Signal description
9/41
3
Signal description
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
3.1
Serial Data Output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
3.2
Serial Data Input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be written. Values are latched on the rising edge of Serial Clock
(C).
3.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
3.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal Write cycle is in progress, the device will be in the Standby
Power mode. Driving Chip Select (S) Low selects the device, placing it in the Active Power
mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
3.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data
Input (D) and Serial Clock (C) are Don’t Care.
To start the Hold condition, the device must be selected, with Chip Select (S) driven Low.


Similar Part No. - M95128-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-RMN6TP STMICROELECTRONICS-M95128-RMN6TP Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95128-RMN6TP/A STMICROELECTRONICS-M95128-RMN6TP/A Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RMN6TP/P STMICROELECTRONICS-M95128-RMN6TP/P Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RMN6TP/P STMICROELECTRONICS-M95128-RMN6TP/P Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RMN6TP/PC STMICROELECTRONICS-M95128-RMN6TP/PC Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
More results

Similar Description - M95128-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
   128-Kbit serial SPI bus EEPROM with high-speed clock
Rev 20 - October 2020
M95128-RMB6TG STMICROELECTRONICS-M95128-RMB6TG Datasheet
681Kb / 49P
   128-Kbit serial SPI bus EEPROM with high-speed clock
M95128 STMICROELECTRONICS-M95128_10 Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com