Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS16B1002JPLF7 Datasheet(PDF) 2 Page - Bi technologies

Part # SQS16B1002JPLF7
Description  Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SQS16B1002JPLF7 Datasheet(HTML) 2 Page - Bi technologies

  SQS16B1002JPLF7 Datasheet HTML 1Page - Bi technologies SQS16B1002JPLF7 Datasheet HTML 2Page - Bi technologies SQS16B1002JPLF7 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nichrome on Silicon
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
August 25, 2006
page 2 of 3
BI technologies
PACKAGE POWER, WATTS
PACKAGE POWER, WATTS
PACKAGE POWER, WATTS
PACKAGE POWER, WATTS @ 70°C
@ 70°C
@ 70°C
@ 70°C
3
3
3
3
QSOP
SOIC (Narrow)
SOIC (Wide)
P-DIP
16
20
24
8
14
16
16
20
24
8
14
16
0.75
1.0
1.0
0.4
0.7
0.8
1.0
1.2
1.2
0.4
0.6
0.8
POWER DERA
POWER DERA
POWER DERA
POWER DERATING CURVE
TING CURVE
TING CURVE
TING CURVE
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL----R
R
R
R----83401)
83401)
83401)
83401)
Thermal Shock plus Power Conditioning
∆R 0.1%
Short Time Overload
∆R 0.1%
Terminal Strength
∆R 0.1%
Moisture Resistance
∆R 0.1%
Mechanical Shock
∆R 0.1%
Vibration
∆R 0.1%
Low Temperature Operation
∆R 0.05%
High Temperature Exposure
∆R 0.1%
Resistance to Solder Heat
∆R 0.1%
Marking Permanency
Per MIL-STD-202, Method 215
Flammability
UL-94V-0 Rated
Storage Temperature Range
-55°C to +125°C
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Lead Plating
80/20 Tin Lead (Standard)
100 matt Tin (RoHS)
Lead Material
Copper Alloy
Lead Configuration
Gull Wing
Lead Coplanarity
0.004” (0.102 mm)
Substrate Material
Silicon
Resistor Material
Passivated Nichrome
Body Material
Molded Epoxy
3
Power per resistor @ 70°C, Maximum is 100 mW, not to exceed package power


Similar Part No. - SQS16B1002JPLF7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS160ELNW VISHAY-SQS160ELNW Datasheet
174Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS160ELNW VISHAY-SQS160ELNW Datasheet
218Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS160ELNW VISHAY-SQS160ELNW_V01 Datasheet
218Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
Shanghai Leiditech Elec...
SQS164ELNW LEIDITECH-SQS164ELNW Datasheet
1Mb / 5P
   60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results

Similar Description - SQS16B1002JPLF7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
List of Unclassifed Man...
668-A-1001F ETC-668-A-1001F Datasheet
135Kb / 3P
   Isolated and bussed circuits Thin film resistor network 0.150??SOIC packages RoHS compliant available
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
   Isolated and bussed circuits
logo
List of Unclassifed Man...
664-A-5002B ETC2-664-A-5002B Datasheet
135Kb / 3P
   Isolated and bussed circuits
logo
Bi technologies
664 BITECH-664_12 Datasheet
390Kb / 3P
   Isolated and bussed circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com