Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1270IFO-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1270IFO-T1
Description  1A Step-Up Current Regulator for Flash LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1270IFO-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1270IFO-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1270IFO-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AAT1270
1A Step-Up Current Regulator for Flash LEDs
4
1270.2007.07.1.0
1. The AAT1270 is guaranteed to meet performance specification from 0˚C to +70˚C. Specification over the –40˚C to +85°C operating
temperature range is assured by design, characterization and correlation with statistical process controls.
Electrical Characteristics
1
V
IN = 3.6V; CIN = 2.2µF; COUT = 2.2µF; RSET = 162kΩ; TA = 0°C to 70°C, unless otherwise noted. Typical val-
ues are T
A = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
Power Supply
V
IN
Input Voltage Range
2.7
5.5
V
V
OUT(MAX)
Maximum Output Voltage
5.5
V
FLEN = IN, Set FL Load = 1A
0.57
1
I
IN(Q)
V
IN Supply Current
EN/SET = IN, Set FL Load = 0A,
0.23
mA
R
SET = 162kΩ
I
SHDN(MAX)
V
IN Shutdown Current
EN/SET = FLEN = FLINH = GND
1
µA
I
FL(TOTAL)
Total Output Current, Flash Mode
R
SET = 162kΩ; FLOUTA + FLOUTB
800
1000
1200
mA
I
FL(MATCH)
FLOUTA and FLOUTB Current
10
%
Matching
I
MM(TOTAL)
Total Output Current, Movie Mode
R
SET = 162kΩ; Movie Mode Current
137
mA
Set = 100%;FLOUTA + FLOUTB
f
OSC
Switching Frequency
T
A = 25˚C
1.5
2.0
2.5
MHz
t
DEFAULT
Default ON time
C
T = 47nF
1
s
T
SD
Thermal Shutdown Threshold
140
°C
T
SD(HYS)
Thermal Shutdown Hysteresis
15
°C
EN/SET/ FLEN/ FLINH Logic Control
V
EN/SET(L),
EN/SET, FLEN Input Low
0.4
V
V
FLEN(L)
Threshold
V
EN/SET(H), )
EN/SET, FLEN Input High
1.4
V
V
FLEN(H
Threshold
I
EN/SET
EN/SET Input Leakage Current
V
EN/SET = VIN = 5V
-1
1
µA
I
FLEN
FLEN Input Leakage Current
V
FLEN = VIN = 5V
-1
1
µA
V
T(FLINH)
FLINH Input Threshold Voltage
½ V
IN
V
R
IN(FLINH)
FLINH Input Resistance to AGND
200
t
EN/SET(LOW)
EN/SET Serial Interface Low Time
0.3
75
µs
t
EN/SET(HI_MIN)
Minimum EN/SET High Time
50
ns
t
EN/SET(HI_MAX)
Maximum EN/SET High Time
75
µs
t
EN/SET(OFF)
EN/SET Off Timeout
500
µs
t
EN/SET(LAT)
EN/SET Latch Timeout
500
µs
t
FLEN_ON
FLEN ON Delay Time
EN/SET = GND
100
µs
t
FLEN_OFF
FLEN OFF Delay Time
EN/SET = GND
20
µs
t
FLINH_ON
FLINH ON Delay Time
100
µs
t
FLINH_OFF
FLINH OFF Delay Time
5
µs


Similar Part No. - AAT1270IFO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1270IFO-T1 ANALOGICTECH-AAT1270IFO-T1 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
More results

Similar Description - AAT1270IFO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
MAX1698 MAXIM-MAX1698 Datasheet
234Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 0; 1/00
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
   Step-up Converter for Cell Phone Camera Flash LEDs
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
   Step-up converter for cell phone camera flash LEDs
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com