Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ88923 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ88923
Description  High-Speed Limiting Post Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ88923 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ88923 Datasheet HTML 1Page - Arizona Microtek, Inc AZ88923 Datasheet HTML 2Page - Arizona Microtek, Inc AZ88923 Datasheet HTML 3Page - Arizona Microtek, Inc AZ88923 Datasheet HTML 4Page - Arizona Microtek, Inc AZ88923 Datasheet HTML 5Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ88923
November 2006 * REV - 2
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
V
TA
Operating Temperature Range (In Free-Air)
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
DIN, /DIN
Input Voltage
0 to VCC
V
/EN
Input Voltage
0 to VCC
V
LOSLVL
Input Voltage
0 to VCC
V
VREF
Output Voltage
VCC-2V to VCC
V
DOUT, /DOUT
Output Voltage
VCC-2V to VCC
V
DC Characteristics (VCC = 3.0V to 3.6V, RLOAD = 50Ω to VCC-2V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
IEE
Power Supply Current
1
40
40
30
40
45
mA
VOH
Output HIGH Voltage
VCC-
1085
VCC-
880
VCC-
1025
VCC-
880
VCC-
1025
VCC-
955
VCC-
880
VCC-
1025
VCC-
880
mV
VOL
Output LOW Voltage
VCC-
1830
VCC-
1555
VCC-
1810
VCC-
1620
VCC-
1810
VCC-
1705
VCC-
1620
VCC-
1810
VCC-
1620
mV
VIH
/EN Input HIGH
Voltage
2.0
2.0
2.0
2.0
mV
VIL
/EN Input LOW
Voltage
0.8
0.8
0.8
0.8
mV
VOL
LOS Output LOW
Voltage
2
0.5
0.5
0.5
0.5
V
VREF
Reference Voltage
VCC-
1.38
VCC-
1.26
VCC-
1.38
VCC-
1.26
VCC-
1.38
VCC-
1.26
VCC-
1.38
VCC-
1.26
V
IIH
/EN Input HIGH
Current
100
100
100
100
μA
VCMR
Common Mode Range
GND+2
VCC
GND+2
VCC
GND+2
VCC
GND+2
VCC
V
1.
No output load.
2.
IOL = +2mA.
AC Characteristics (VCC = 3.0V to 3.6V, RLOAD = 50Ω to VCC-2V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
VID
Input Voltage Range
5
1800
5
1800
5
1800
5
1800
mV
tr / tf
Rise/Fall Time
150
150
150
150
ps
VOD
Diff
VID=15 mVp-p
Out
VID=5 mVp-p
600
200
MVp-p
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
tOFFL
LOS Release Time
Minimum Input
0.5
0.5
0.1
0.5
0.5
μs
tOFFH
LOS Release Time
Maximum Input
0.5
0.5
0.1
0.5
0.5
μs
tONL
LOS Assert Time
0.5
0.5
0.2
0.5
0.5
μs
VSR
LOS Sensitivity Range
5
50
5
50
5
50
5
50
MVp-p


Similar Part No. - AZ88923

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ88923U AZM-AZ88923U Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
More results

Similar Description - AZ88923

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com