Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T00SC64MY6E Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T00SC64MY6E
Description  Real-Time Clock 64Kbit (8192 x 8) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SC64MY6E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T00SC64MY6E Datasheet HTML 3Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 4Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 5Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 6Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 7Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 8Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 9Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 10Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
M41T00SC64
Application
7/19
3
Application
Figure 3.
Block diagram
Figure 4.
Crystal accuracy across temperature
AI09125
SECONDS
OSCILLATOR
32.768 kHz
VOLTAGE
SENSE
and
SWITCH
CIRCUITRY
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
M24C64
8192 x8
(EEPROM)
MINUTES
CENTURY/HOURS
DAY
DATE
MONTH
YEAR
CONTROL
FT/OUT
VCC
VSS
VBAT
E0
E1
E2
SCL
SDA
1 Hz
AI09159
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
K = –0.034 ppm/
°C
2 ± 0.004 ppm/°C2
ΔF
= offset + K x (T – 25)
2
F
offset = 6 ppm ± 6 ppm


Similar Part No. - M41T00SC64MY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
205Kb / 25P
   Serial real-time clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
227Kb / 26P
   Serial access real-time clock
M41T00SM6E STMICROELECTRONICS-M41T00SM6E Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T00SM6E STMICROELECTRONICS-M41T00SM6E Datasheet
227Kb / 26P
   Serial access real-time clock
More results

Similar Description - M41T00SC64MY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1385 DALLAS-DS1385 Datasheet
142Kb / 20P
   RAMified Real Time Clock 4K x 8
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Cypress Semiconductor
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com