Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T00SC64MY6E Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T00SC64MY6E
Description  Real-Time Clock 64Kbit (8192 x 8) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SC64MY6E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T00SC64MY6E Datasheet HTML 2Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 3Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 4Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 5Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 6Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 7Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 8Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 9Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin settings
M41T00SC64
6/19
2
Pin settings
2.1
Pin description
2.2
Pin connections
Figure 2.
18-pin SOIC connection
1.
No connect (NC) pins should be tied to VSS.
2.
No function (NF) pins should be tied to VSS. Pins 2 and 3, and pins 16 and 17 are internally shorted
together.
3.
Open drain output.
Table 1. Signal names
FT/OUT (1)
1.
Open drain output
Frequency test / output driver (open drain)
SDA
Serial data address input / output
SCL
Serial clock
WC
Write control
E0, E1, E2
Chip enables
VBAT
Battery supply voltage
VCC
Supply voltage
VSS
Ground
NC (2)
2.
No connect (NC) pins should be tied to VSS.
No connect
NF (3)
3.
No function (NF) pins should be tied to VSS. Pins 2 and 3, and pins 16 and 17 are internally shorted
together.
No function
AI09124
8
2
3
4
5
6
7
9
12
11
10
18
17
16
15
14
13
1
WC
E1
NF
(2)
NF
(2)
NC
(1)
NF
(2)
NF
(2)
NC
(1)
VSS
VBAT
VCC
E0
NC
(1)
E2
SDA
SCL
NC
(1)
FT/OUT
(3)
M41T00S
+
M24C64
(EEPROM)


Similar Part No. - M41T00SC64MY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
205Kb / 25P
   Serial real-time clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
227Kb / 26P
   Serial access real-time clock
M41T00SM6E STMICROELECTRONICS-M41T00SM6E Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T00SM6E STMICROELECTRONICS-M41T00SM6E Datasheet
227Kb / 26P
   Serial access real-time clock
More results

Similar Description - M41T00SC64MY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1385 DALLAS-DS1385 Datasheet
142Kb / 20P
   RAMified Real Time Clock 4K x 8
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Cypress Semiconductor
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com