Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ12001K Datasheet(PDF) 10 Page - Arizona Microtek, Inc

Part # AZ12001K
Description  Phase-Locked Loop Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ12001K Datasheet(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZ12001K Datasheet HTML 5Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 6Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 7Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 8Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 9Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 10Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 11Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 12Page - Arizona Microtek, Inc AZ12001K Datasheet HTML 13Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AZ12000
AZ12001
January 2005 * REV - 3
www.azmicrotek.com
10
Internal VCO
The internal VCO is designed for reliable, low jitter operation up to 800 MHz. It operates as a single terminal negative
impedance type circuit.
The tank circuit should have a minimum Q of 12 for reliable operation. The series combination of CV and C1 resonate
with L1 to set the operating frequency. The VCO control voltage is isolated through an inductor or resistor and changes
the varactor capacitance based on that control voltage. Note that the CPPOL pin should be tied high for internal VCO
operation since the tank frequency decreases with increasing control voltage.
External VCO
When VCOSEL is high, the internal VCO is disabled and the EXTVCO, EXTVCO
¯¯¯¯¯¯¯¯ pair is enabled. That input pair is
sine wave and PECL compatible.
The CPPOL pin sets the frequency slope polarity based on the operation of the external VCO. When CPPOL is low, the
charge pump generates pulses for an integrator and loop filter assuming the VCO frequency goes lower as the integrator
output voltage increases. When CPPOL is high, pulses are generated for a VCO in which the frequency goes higher as
the integrator output voltage increases.
VCO
L1
C2
TANK
L2
VCOV
CC
TANK
CV
VARACTOR
VCO
CONTROL
VOLTAGE
R1
Figure 3 Internal VCO with Tank


Similar Part No. - AZ12001K

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010AL MINI-AZ12010AL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12010AL AZM-AZ12010AL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010AL++ MINI-AZ12010AL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
More results

Similar Description - AZ12001K

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com