Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1671 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 2N1671
Description  PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
COMSET SEMICONDUCTORS
1/2
2N1671 – 2N1671A – 2N1671B
They are designed for medium-power switching, oscillator and pulse timing circuits.
Package outline is similar to TO-5 except
Highly Stable Negative Resistance and Firing Voltage
Low Firing Current
High Pulse Curent Capabilities
Simplified Circuit Design
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N1671
2N1671A
VB1E
Base 1 – Emitter Reverse Voltage
2N1671B
30
V
2N1671
2N1671A
VB2E
Base 2 – Emitter Reverse Voltage
2N1671B
30
V
2N1671
2N1671A
VB1B2
Interbase Voltage
2N1671B
35
V
2N1671
2N1671A
IFRMS
RMS Emitter Current
2N1671B
50
mA
2N1671
2N1671A
IEM
Emitter Peak Current
2N1671B
2
A
2N1671
2N1671A
PTOT
Total Power Dissipation
2N1671B
450
mW
2N1671
2N1671A
TJ
Maximum Junction
2N1671B
150
2N1671
2N1671A
TSTG
Storage Temperature Range
2N1671B
-55 to +150
°C
This data guaranteed in addition to JEDEC registered data
P
PN
N B
BA
AR
R--T
TY
YP
PE
E S
SIIL
LIIC
CO
ON
N U
UN
NIIJ
JU
UN
NC
CT
TIIO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA114EM3T5GDigital Transistors BRT PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
2N5415_00SILICON PNP TRANSISTORS 1 2 3 4 STMicroelectronics
2N4918_04Medium-Power Plastic PNP Silicon Transistors 1 2 3 4 5 MoreON Semiconductor
BC237_06Amplifier Transistors NPN Silicon 1 2 3 4 ON Semiconductor
BDX33B_06Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
MJ15001_05Complementary Silicon Power Transistors 1 2 3 4 ON Semiconductor
MJW3281A_0615 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 1 2 3 4 5 MoreON Semiconductor
BU508DFSILICON DIFFUSED POWER TRANSISTORS 1 2 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl