Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1671 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 2N1671
Description  PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
COMSET SEMICONDUCTORS
2/2
2N1671 – 2N1671A – 2N1671B
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N1671
-
-
-12
2N1671A
-
-
-12
IEB2O
Emitter Reverse Current
VB2E=30 V, IB1= 0
2N1671B
-
-
-0.2
µA
2N1671
-
-
5
2N1671A
-
-
5
VEB1(sat)
Emitter saturation Voltage
VB2B1 = 10 V, IE= 50 mA
2N1671B
-
-
5
V
2N1671
4.7
-
9.1
2N1671A 4.7
-
9.1
RBBO
Interbase Resistance
VB2B1 = 3 V, , IE= 0
2N1671B 4.7
-
9.1
K
2N1671
0.47
-
0.62
2N1671A 0.47
-
0.62
η
Intrinsic stand-off ratio
VB2B1= 10 V
2N1671B 0.47
-
0.62
-
2N1671
-
-
8
2N1671A
-
-
8
IV
Valley Current
VB2B1= 10 V, RB2= 100
2N1671B
-
-
8
mA
2N1671
-
-
25
2N1671A
-
-
25
IP
Peak Current
VB2B1= 25 V
2N1671B
-
-
6
µA
MECHANICAL DATA CASE TO-5
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA114EM3T5GDigital Transistors BRT PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
2N5415_00SILICON PNP TRANSISTORS 1 2 3 4 STMicroelectronics
2N4918_04Medium-Power Plastic PNP Silicon Transistors 1 2 3 4 5 MoreON Semiconductor
BC237_06Amplifier Transistors NPN Silicon 1 2 3 4 ON Semiconductor
BDX33B_06Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
MJ15001_05Complementary Silicon Power Transistors 1 2 3 4 ON Semiconductor
MJW3281A_0615 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 1 2 3 4 5 MoreON Semiconductor
BU508DFSILICON DIFFUSED POWER TRANSISTORS 1 2 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl