Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYCA048Y Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-LYCA048Y
Description  POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYCA048Y Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTR-LYCA048Y Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYCA048Y Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FTR-LY SERIES
7
Japan
FujitsuComponentLimited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo4,Japan
Tel:(8-3)5449-700
Fax:(8-3)5449-2626
Email:promothq@ft.ed.fujitsu.com
Web:www.fcl.fujitsu.com
North and South America
FujitsuComponentsAmerica,Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(-408)745-4900
Fax:(-408)745-4970
Email:marcom@fcai.fujitsu.com
Web:http://www.fujitsu.com/us/services/edevices/components/
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan25
232WVHoofddorp
Netherlands
Tel:(3-23)556090
Fax:(3-23)5560950
Email:info@fceu.fujitsu.com
Web:http://www.fujitsu.com/emea/services/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
02EPasirPanjangRoad
#04-0CitilinkWarehouseComplex
Singapore8529
Tel:(65)6375-8560
Fax:(65)6273-302
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2006FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyofftheirrespective
owners.
FujitsuComponentsAmericadoesnotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveourproducts
Fujitsu Components America, Inc. reserves the right to change specifications/datasheets without prior notice. Rev. 02/08/2006.


Similar Part No. - FTR-LYCA048Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYCA048Y FUJITSU-FTR-LYCA048Y Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYCA048YSK FUJITSU-FTR-LYCA048YSK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
More results

Similar Description - FTR-LYCA048Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com