Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYCA024Y Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-LYCA024Y
Description  POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYCA024Y Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-LYCA024Y Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYCA024Y Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FTR-LY SERIES
2
n
SPECIFICATIONS
m
e
tI
Y
L
-
R
T
F
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
C
m
r
o
f
1
A
m
r
o
f
1
l
a
ir
e
t
a
M
y
o
ll
a
r
e
v
li
s
,
y
o
ll
a
r
e
v
li
s
d
e
t
a
l
p
d
l
o
G
e
l
y
t
S
e
l
g
n
i
S
)l
a
it
i
n
i(
e
c
n
a
t
s
i
s
e
R
s
m
h
o
m
0
0
1
m
u
m
i
x
a
M
g
n
it
a
R
C
D
V
0
3
A
6
r
o
C
A
V
0
5
2
A
6
t
n
e
r
r
u
C
g
n
i
y
r
r
a
C
m
u
m
i
x
a
M
A
6
r
e
w
o
P
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
A
V
0
0
5
,
1
e
g
a
tl
o
V
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
C
A
V
0
5
2
*
d
a
o
L
g
n
i
h
c
ti
w
S
m
u
m
i
n
i
M
1
C
D
V
5
A
m
0
1
t
n
e
r
r
u
C
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
A
6
li
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
)
t
s
o
rf
o
n
(
C
°
5
8
+
o
t
C
°
0
4
-
r
e
w
o
P
g
n
it
a
R
W
m
0
7
1
r
e
w
o
p
e
t
a
r
e
p
o
t
s
u
M
W
m
5
7
e
g
a
tl
o
v
e
l
b
a
w
o
ll
a
.
x
a
M
).
g
e
d
0
2
t
a
(
e
g
a
tl
o
v
l
a
n
i
m
o
n
f
o
%
0
5
1
e
u
l
a
V
e
m
i
T
)
e
d
o
i
d
t
u
o
h
ti
w
(
e
m
i
T
e
t
a
r
e
p
O
s
m
8
m
u
m
i
x
a
M
)
e
c
n
u
o
b
o
n
,
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
)
e
d
o
i
d
t
u
o
h
ti
w
(
e
m
i
T
e
s
a
e
l
e
R
s
m
4
m
u
m
i
x
a
M
)
e
c
n
u
o
b
o
n
,
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
n
o
it
a
l
u
s
n
I
)
C
D
V
0
0
5
t
a
(
e
c
n
a
t
s
i
s
e
R
s
m
h
o
M
0
0
0
,
1
m
u
m
i
n
i
M
c
ir
t
c
e
l
e
i
D
h
t
g
n
e
rt
S
n
e
p
o
n
e
e
w
t
e
B
s
t
c
a
t
n
o
c
e
t
u
n
i
m
1
C
A
V
0
0
0
,
1
d
n
a
li
o
c
n
e
e
w
t
e
B
s
t
c
a
t
n
o
c
e
t
u
n
i
m
1
C
A
V
0
0
0
,
4
h
t
g
n
e
rt
S
e
g
r
u
S
)
.
c
e
s
o
r
c
i
m
0
5
x
2
.
1
t
a
(
V
0
0
0
,
6
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
1
6
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
l
a
c
ir
t
c
e
l
E
g
n
it
a
r
t
c
a
t
n
o
c
C
A
0
1
x
0
6
3
).
O
.
N
(
.
n
i
m
.
s
p
o
0
1
x
0
3
3
).
C
.
N
(
.
n
i
m
.
s
p
o
C
D
V
0
3
/
C
A
V
0
5
2
A
6
t
a
r
e
h
t
O
n
o
it
a
r
b
i
V
e
c
n
a
t
s
i
s
e
R
n
o
it
a
r
e
p
o
s
i
M
m
m
0
.
1
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
,
z
H
5
5
o
t
0
1
e
c
n
a
r
u
d
n
E
m
m
5
.
1
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
,
z
H
5
5
-
0
1
k
c
o
h
S
e
c
n
a
t
s
i
s
e
R
n
o
it
a
r
e
p
o
s
i
M
s
/
m
0
5
.
n
i
M
2
)
s
m
1
±
1
1
(
s
/
m
0
0
1
.
n
i
M
2
)
s
m
1
±
1
1
(
e
c
n
a
r
u
d
n
E
s
/
m
0
0
0
,
1
.
n
i
M
2
)
s
m
1
±
6
(
t
h
g
i
e
W
g
4
y
l
e
t
a
m
i
x
o
r
p
p
A


Similar Part No. - FTR-LYCA024Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYCA024Y FUJITSU-FTR-LYCA024Y Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYCA024YSK FUJITSU-FTR-LYCA024YSK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
More results

Similar Description - FTR-LYCA024Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com