Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3887 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB3887
Description  DC/DC Converter IC for Charging Li-ion battery
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3887 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB3887 Datasheet HTML 1Page - Fujitsu Component Limited. MB3887 Datasheet HTML 2Page - Fujitsu Component Limited. MB3887 Datasheet HTML 3Page - Fujitsu Component Limited. MB3887 Datasheet HTML 4Page - Fujitsu Component Limited. MB3887 Datasheet HTML 5Page - Fujitsu Component Limited. MB3887 Datasheet HTML 6Page - Fujitsu Component Limited. MB3887 Datasheet HTML 7Page - Fujitsu Component Limited. MB3887 Datasheet HTML 8Page - Fujitsu Component Limited. MB3887 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DS04-27709-6E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2001-2006 FUJITSU LIMITED All rights reserved
ASSP For Power Supply Applications (Secondary battery)
DC/DC Converter IC
for Charging Li-ion battery
MB3887
■ DESCRIPTION
The MB3887 is a DC/DC converter IC suitable for down-conversion, using pulse-width (PWM) charging and
enabling output voltage to be set to any desired level from one cell to four cells.
These ICs can dynamically control the secondary battery’s charge current by detecting a voltage drop in an AC
adapter in order to keep its power constant (dynamically-controlled charging) .
The charging method enables quick charging, for example, with the AC adapter during operation of a notebook PC.
The MB3887 provides a broad power supply voltage range and low standby current as well as high efficiency,
making it ideal for use as a built-in charging device in products such as notebook PC.
This product is covered by US Patent Number 6,147,477.
■ FEATURES
• Detecting a voltage drop in the AC adapter and dynamically controlling the charge current
(Dynamically-controlled charging)
• Output voltage setting using external resistor
: 1 cell to 4 cells
• High efficiency
: 96
% (VIN = 19 V, Vo = 16.8 V)
• Wide range of operating supply voltages
: 8 V to 25 V
• Output voltage setting accuracy
: 4.2 V
± 0.74% (Ta = −10 °C to +85 °C , per cell)
• Charging current accuracy
:
±5%
• Built-in frequency setting capacitor enables frequency setting using external resistor only
• Oscillation frequency range
: 100 kHz to 500 kHz
• Built-in current detection amplifier with wide in-phase input voltage range : 0 V to VCC
• In standby mode, leave output voltage setting resistor open to prevent inefficient current loss
• Built-in standby current function
: 0
µA (standard)
• Built-in soft-start function independent of loads
• Built-in totem-pole output stage supporting P-channel MOS FET devices
• One type of package (SSOP-24pin : 1 type)
■ Application
• Notebook PC


Similar Part No. - MB3887

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB3887PFV FUJITSU-MB3887PFV Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
More results

Similar Description - MB3887

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
   DC/DC Converter ICfor Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
   DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
   ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
MB3879 FUJITSU-MB3879 Datasheet
544Kb / 54P
   DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com