Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS2430A Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS2430A
Description  256-Bit 1-Wire EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

 
 1 page
background image
1 of 16
080807
FEATURES
256-bit Electrically Erasable Programmable
Read Only Memory (EEPROM) plus 64-bit
one-time programmable application register
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures
absolute identity because no two parts are alike
Built-in multidrop controller ensures
compatibility with other MicroLAN products
EEPROM organized as one page of 32 bytes
for random access
Reduces control, address, data, and power to a
single data pin
Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3kbits per second
8-bit family code specifies DS2430A
communication requirements to reader
Presence detector acknowledges when reader
first applies voltage
Low cost TO-92 or 6-pin TSOC and Flip Chip
surface mount package
Reads and writes over a wide voltage range of
2.8V to 6.0V from -40°C to +85°C
ORDERING INFORMATION
DS2430A
TO-92 Package
DS2430AP
6-pin TSOC Package
DS2430A/T&R
TO-92 Package, Tape & Reel
DS2430AP/T&R
TSOC Package, Tape & Reel
DS2430A+
TO-92 Package
DS2430AP+
6-pin TSOC Package
DS2430A+T&R
TO-92 Package, Tape & Reel
DS2430AP+T&R TSOC Package, Tape & Reel
DS2430AX
Flip Chip, 10k Tape & Reel
DS2430AX-S
Flip Chip, 2.5k Tape & Reel
+ Indicates lead-free compliance.
PIN ASSIGNMENT
NOTE: The leads of TO-92 packages on tape-
and-reel are formed to approximately 100 mil
(2.54 mm) spacing. For details refer to drawing
56-G0006-003.
PIN DESCRIPTION
TO-92
TSOC
Flip Chip
Pin 1
Ground
Ground
Ground
Pin 2
Data
Data
Data
Pin 3
NC
NC
NC
Pin 4
––––
NC
NC
Pin 5
––––
NC
––––
Pin 6
––––
NC
––––
DS2430A
256-Bit 1-Wire EEPROM
www.maxim-ic.com
SIDE VIEW
See Mech.
Drawing Section
1
2
3
6
5
4
TOP VIEW
3.7mm x 4.0mm x 1.5mm
TSOC PACKAGE
BOTTOM VIEW
See Mech.
Drawings Section
TO-92
DALLAS
DS2430A
2 3
1
1 2 3
Flip Chip, Top View
with Laser Mark,
Contacts Not Visible.
“rrd” = Revision/Date
#xx = Lot Number
See 56-G7016-001 for
package outline.
1
2
4
3
2430A
rrd#xx




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SLE4440ICs for Chip Cards / Intelligent 256/64/128-Byte EEPROM 1 2 3 4 5 MoreSiemens Semiconductor Group
M95040_064 Kbit 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock 1 2 3 4 5 MoreSTMicroelectronics
CAT24C16416-Kb CMOS Serial EEPROM Cascadable 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24WC129_04128K-Bit I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT34RC02_052-kb I2C Serial EEPROM Serial Presence Detect 1 2 3 4 5 MoreCatalyst Semiconductor
AT34C02_07Two-wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
X28C010_075V Byte Alterable EEPROM 1 2 3 4 5 MoreIntersil Corporation
AS8E32K3232K x 32 EEPROM 1 2 3 4 5 MoreAustin Semiconductor
AT24C32A_05Two-wire Automotive Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
M9516016 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl