Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8440 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8440
Description  Switch for CTV receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8440 Datasheet HTML 2Page - NXP Semiconductors TDA8440 Datasheet HTML 3Page - NXP Semiconductors TDA8440 Datasheet HTML 4Page - NXP Semiconductors TDA8440 Datasheet HTML 5Page - NXP Semiconductors TDA8440 Datasheet HTML 6Page - NXP Semiconductors TDA8440 Datasheet HTML 7Page - NXP Semiconductors TDA8440 Datasheet HTML 8Page - NXP Semiconductors TDA8440 Datasheet HTML 9Page - NXP Semiconductors TDA8440 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
November 1985
6
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
D0/OFF gating
Power-on reset
The circuit is provided with a power-on reset function.
When the power supply is switched on an internal pulse will be generated that will reset the internal memory S0, in the
initial state all the switches will be in the off position and the OFF input is active (D7 - D0 = 0) (I2C mode), position defined
via SDA and SCL inputs (non-I2C mode).
When the power supply decreases below 5 V a pulse will be generated and the internal memory will be reset. The
behaviour of the switches will be the same as described above.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
D0
OFF INPUT
OUTPUTS
0 (off input active)
H
OFF
0
L
in accordance with last defined
D7 - D1 (may be entered while OFF = HIGH)
1 (off input inactive)
H
in accordance with D7 - D1
1
L
in accordance with D7 - D1
MIN. TYP.
MAX.
UNIT
Supply voltage
pin 15
VP
−−
14
V
Input voltage range
pin 17
VSDA
−0,3 −
VP + 0,3 V
pin 18
VSCL
−0,3 −
VP + 0,3 V
pin 2
VOFF
−0,3 −
VP + 0,3 V
pin 11
VS0
−0,3 −
VP + 0,3 V
pin 13
VS1
−0,3 −
VP + 0,3 V
pin 6
VS2
−0,3 −
VP + 0,3 V
Video output current
pin 16
−I
16
−−
50
mA
Storage temperature range
Tstg
−−+ 125
°C
Operating ambient temperature range
Tamb
0
−+ 70
°C
Junction temperature
Tj
−−+ 150
°C
PARAMETER
SYMBOL
VALUE
UNIT
From junction to ambient in free air
Rth j−a
50
K/W


Similar Part No. - TDA8440

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA844 PHILIPS-TDA844 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8444 PHILIPS-TDA8444 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8444AT PHILIPS-TDA8444AT Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
More results

Similar Description - TDA8440

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8776N TOSHIBA-TA8776N_01 Datasheet
233Kb / 15P
   SURROUND PROCESSOR FOR A CTV
TA8776N TOSHIBA-TA8776N Datasheet
524Kb / 15P
   SURROUND PROCESSOR FOR A CTV
TA8725AN TOSHIBA-TA8725AN Datasheet
1Mb / 34P
   1CHIP COR NTSC CTV
logo
Sanyo Semicon Device
STK792-110 SANYO-STK792-110 Datasheet
85Kb / 5P
   Vertical Deflection Output Circuit for CTV and CRT Displays
STK792-210 SANYO-STK792-210 Datasheet
75Kb / 4P
   Vertical Deflection Output Circuit for CTV and CRT Displays?
logo
Toshiba Semiconductor
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
logo
Sanyo Semicon Device
LA7688 SANYO-LA7688 Datasheet
106Kb / 6P
   Single-Chip CTV Signal-Processing Circuit for PAL and NTSC Formats
logo
Nippon Precision Circui...
SM8210S NPC-SM8210S Datasheet
625Kb / 18P
   Signal Processor for Paging Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com