Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3500MPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3500MPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500MPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3500MPBF Datasheet HTML 6Page - International Rectifier IR3500MPBF Datasheet HTML 7Page - International Rectifier IR3500MPBF Datasheet HTML 8Page - International Rectifier IR3500MPBF Datasheet HTML 9Page - International Rectifier IR3500MPBF Datasheet HTML 10Page - International Rectifier IR3500MPBF Datasheet HTML 11Page - International Rectifier IR3500MPBF Datasheet HTML 12Page - International Rectifier IR3500MPBF Datasheet HTML 13Page - International Rectifier IR3500MPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
IR3500
Page 10 of 47
June 12, 2007
Frequency and Phase Timing Control
The oscillator and system clock frequency is programmable from 250kHz to 9MHZ by an external resistor (ROSC).
The control IC system clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase timing of the
phase ICs is controlled by the daisy chain loop, where control IC phase clock output (PHSOUT) is connected to the
phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to PHSIN of the
second phase IC, etc. and PHSOUT of the last phase IC is connected back to PHSIN of the control IC. During
power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins and detects the feedback at
PHSIN pin to determine the phase number and monitor any fault in the daisy chain loop. Figure 5 shows the phase
timing for a four phase converter. The switching frequency is set by the resistor ROSC as shown in Figure 23. The
clock frequency equals the number of phase times the switching frequency.
Phase IC1
PWM Latch SET
Control IC CLKOUT
(Phase IC CLKIN)
Control IC PHSOUT
(Phase IC1 PHSIN)
Phase IC 1 PHSOUT
(Phase IC2 PHSIN)
Phase IC 2 PHSOUT
(Phase IC3 PHSIN)
Phase IC 3 PHSOUT
(Phase IC4 PHSIN)
Phase IC4 PHSOUT
(Control IC PHSIN)
Figure 5 - Four Phase Oscillator Waveforms
PWM Operation
The PWM comparator is located in the phase IC. Upon receiving the falling edge of a clock pulse, the PWM latch is
set; the PWM ramp voltage begins to increase; the low side driver is turned off, and the high side driver is then
turned on after the non-overlap time. When the PWM ramp voltage exceeds the error amplifier’s output voltage the
PWM latch is reset. This turns off the high side driver, then turns on the low side driver after the non-overlap time,
and activates the ramp discharge clamp. The ramp discharge clamp quickly discharges the PWM ramp capacitor to
the output voltage of the share adjust amplifier in the phase IC until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go up to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An error amplifier output voltage greater than the common mode
input range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This
arrangement guarantees the error amplifier is always in control and can demand 0 to 100% duty cycle as required.
It also favors response to a load step decrease which is appropriate given the low output to input voltage ratio of


Similar Part No. - IR3500MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500AMPBF IRF-IR3500AMPBF Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500AMTRPBF IRF-IR3500AMTRPBF Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500V IRF-IR3500V Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
IR3500VMPBF IRF-IR3500VMPBF Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
More results

Similar Description - IR3500MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
   XPHASE3TM AMD SVID CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
   XPHASE3TM DDR & VTT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com