Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84112B0000B060 Datasheet(PDF) 6 Page - EPCOS

Part # B84112B0000B060
Description  2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84112B0000B060 Datasheet(HTML) 6 Page - EPCOS

Back Button B84112B0000B060 Datasheet HTML 2Page - EPCOS B84112B0000B060 Datasheet HTML 3Page - EPCOS B84112B0000B060 Datasheet HTML 4Page - EPCOS B84112B0000B060 Datasheet HTML 5Page - EPCOS B84112B0000B060 Datasheet HTML 6Page - EPCOS B84112B0000B060 Datasheet HTML 7Page - EPCOS B84112B0000B060 Datasheet HTML 8Page - EPCOS B84112B0000B060 Datasheet HTML 9Page - EPCOS B84112B0000B060 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-line filters
B84112B
SIFI-B for enhanced insertion loss
Case style A
Case style A
1 … 10 A (B84112B0000A010 … A110)
20 A (B84112B0000A120)
b1
84
b2
31.5
Case style B
Case style B
SSB0527-D-E
3
b
4
b
Tab connector A6.3 x 0.8
ø4.7
SSB0253-I-E
4.3
95.2
105
Tab connector A6.3 x 0.8
1 … 10 A (B84112B0000B010 … B110)
20 A (B84112B0000B120)
SSB0528-L-E
b2
1
b
ø4.7
Tab connector A6.3 x 0.8
31.5
84
50.8
Tab connector A6.3 x 0.8
ø4.7
SSB0254-R-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6


Similar Part No. - B84112B0000B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B0000B060 EPCOS-B84112B0000B060 Datasheet
174Kb / 10P
   EMC filters
B84112B0000B060 EPCOS-B84112B0000B060 Datasheet
134Kb / 11P
   EMC Filters
More results

Similar Description - B84112B0000B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
   2−line filters SIFI−G for enhanced insertion loss
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−F for normal insertion loss
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84102C EPCOS-B84102C Datasheet
105Kb / 6P
   2-line filters for general-purpose applications Rated current 0.5 to 4 A
logo
Bourns Electronic Solut...
EMI220T-RC BOURNS-EMI220T-RC Datasheet
120Kb / 1P
   EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com