Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5803ATZ Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AFBR-5803ATZ
Description  FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AFBR-5803ATZ Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AFBR-5803ATZ Datasheet HTML 2Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 3Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 4Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 5Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 6Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 7Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 8Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 9Page - Agilent(Hewlett-Packard) AFBR-5803ATZ Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Figure 7. Recommended Decoupling and Termination Circuits
Figure 6. Bit Error Rate vs. Relative Receiver
Input Optical Power.
Transceiver Jitter Performance
The Agilent 1300 nm
transceivers are designed to
operate per the system jitter
allocations stated in Tables E1
of Annexes E of the FDDI
PMD and LCF-PMD standards.
The Agilent 1300 nm
transmitters will tolerate the
worst case input electrical
jitter allowed in these tables
without violating the worst
case output jitter requirements
of Sections 8.1 Active Output
Interface of the FDDI PMD and
LCF-PMD standards.
The Agilent 1300 nm receivers
will tolerate the worst case
input optical jitter allowed in
Sections 8.2 Active Input
Interface of the FDDI PMD and
LCF-PMD standards without
violating the worst case output
electrical jitter allowed in the
Tables E1 of the Annexes E.
The jitter specifications stated
i n the following 1300 nm
transceiver specification tables
are derived from the values in
Tables E1 of Annexes E. They
represent the worst case jitter
contribution that the trans-
ceivers are allowed to make to
the overall system jitter
without violating the Annex E
allocation example. In practice
the typical contribution of the
Agilent transceivers is well
below these maximum allowed
amounts.
Recommended Handling Precautions
Agilent recommends that
normal static precautions be
taken in the handling and
assembly of these transceivers
to prevent damage which may
be induced by electrostatic
discharge (ESD). The AFBR-
5800 series of transceivers
meet MIL-STD-883C Method
3015.4 Class 2 products.
Care should be used to avoid
shorting the receiver data or
signal detect outputs directly
to ground without proper
current limiting impedance.
-6
4
1 x 10 -2
RELATIVE INPUT OPTICAL POWER - dB
-4
2
-2
0
1 x 10 -4
1 x 10 -6
1 x 10 -8
1 x 10 -10
1 x 10 -11
CONDITIONS:
1. 155 MBd
2. PRBS 2
7-1
3. CENTER OF SYMBOL SAMPLING
4. T
A = +25˚C
5. V
CC= 3.3 V to 5 V dc
6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
1 x 10 -12
1 x 10 -9
1 x 10 -7
1 x 10 -5
1 x 10 -3
CENTER OF SYMBOL
AFBR-5803 SERIES
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;;
;;;
;;
;;
;;
;;
;;
;;
;;
;;
;;;
;;;
;;
;;
;;;
;;;
;;;
;;;
;;
;;
NO INTERNAL CONNECTION
NO INTERNAL CONNECTION
AFBR-5803Z
TOP VIEW
V
EE
RD
RD
SD
V
CC
V
CC
TD
TD
V
EE
123
45
6789
C1
C2
L1
L2
R2
R3
R1
R4
C5
C3
C4
R9
R10
V
CC FILTER
AT V
CC PINS
TRANSCEIVER
R5
R7
R6
R8
C6
RD
RD
SD
V
CC
TD
TD
TERMINATION
AT PHY
DEVICE
INPUTS
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT THE INPUT
OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER PRINTED CIRCUIT
BOARD WITH 50 OHM MICROSTRIP SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130 OHMS FOR +5.0 V OPERATION, 82 OHMS FOR +3.3 V OPERATION.
R2 = R3 = R5 = R7 = R9 = 82 OHMS FOR +5.0 V OPERATION, 130 OHMS FOR +3.3 V OPERATION.
C1 = C2 = C3 = C5 = C6 = 0.1 µF.
C4 = 10 µF.
L1 = L2 = 1 µH COIL OR FERRITE INDUCTOR.
TERMINATION
AT TRANSCEIVER
INPUTS
Rx
Rx
Tx
Tx
V
CC
V
CC
Rx
Tx


Similar Part No. - AFBR-5803ATZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803ATZ AVAGO-AFBR-5803ATZ Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803ATZ BOARDCOM-AFBR-5803ATZ Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
More results

Similar Description - AFBR-5803ATZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com