Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4621ITP-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT4621ITP-T1
Description  PC Card Current Limit Interface and Capacitor Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4621ITP-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT4621ITP-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4621ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Characteristics
Off-Supply Current vs. Temperature
(ENUB = ENLB = VCC; VOUT = Open)
Temperature (
°°C)
0.01
0.1
1
10
-40
-20
0
20
40
60
80
100
120
VIN = 3.3V
VIN = 5V
Reverse Off-Switch Current vs. Temperature
(ENUB = ENLB = VCC; VIN = 0V)
Temperature (
°°C)
0.01
0.1
1
10
100
-40
-20
0
20
40
60
80
100
120
VOUT = 5V
VOUT = 3.3V
Off-Switch Current vs. Temperature
(ENUB = ENLB = VCC; VOUT = 0V)
Temperature (
°°C)
0.01
0.1
1
10
100
-40
-20
0
20
40
60
80
100
120
VIN = 5V
VIN = 3.3V
Output Current vs. Output Voltage
(RSETU = 249K
Ω
Ω; T = 25°C)
Output Voltage (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VIN = 3.3V
VIN = 5V
R
SET vs. ILIM
(25
°°C)
RSET (k
Ω)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
200
400
600
800
1000
1200
1400
1600
VIN = 5V
VIN = 3.3V
AAT4621
PC Card Current Limit Interface
and Capacitor Charger
4621.2007.07.1.0
5


Similar Part No. - AAT4621ITP-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4621IWO-1-T1 SKYWORKS-AAT4621IWO-1-T1 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
AAT4621IWO-T1 SKYWORKS-AAT4621IWO-T1 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
More results

Similar Description - AAT4621ITP-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4621 SKYWORKS-AAT4621_12 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
logo
Advanced Analogic Techn...
AAT4620 ANALOGICTECH-AAT4620 Datasheet
598Kb / 15P
   PCMCIA Current Limit Interface and Capacitor Charger
logo
Skyworks Solutions Inc.
AAT4620 SKYWORKS-AAT4620_12 Datasheet
830Kb / 14P
   PCMCIA Current Limit Interface and Capacitor Charger
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
   Power Path with Input Current Limit and Capacitor Charger
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Vicor Corporation
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
   Remote sense and current limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com