Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8123 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8123
Description  Triple Differential Receiver with Adjustable Line Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123 Datasheet(HTML) 2 Page - Analog Devices

  AD8123 Datasheet HTML 1Page - Analog Devices AD8123 Datasheet HTML 2Page - Analog Devices AD8123 Datasheet HTML 3Page - Analog Devices AD8123 Datasheet HTML 4Page - Analog Devices AD8123 Datasheet HTML 5Page - Analog Devices AD8123 Datasheet HTML 6Page - Analog Devices AD8123 Datasheet HTML 7Page - Analog Devices AD8123 Datasheet HTML 8Page - Analog Devices AD8123 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8123
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Description .............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Input Common-Mode Voltage Range Considerations ......... 10
Applications Information .............................................................. 11
Basic Operation .......................................................................... 11
Comparators ............................................................................... 11
Sync Pulse Extraction Using Comparators ............................. 12
Using the VPEAK, VPOLE, VGAIN, and VOFFSET Inputs ................... 12
Using the AD8123 with Coaxial Cable.................................... 13
Driving 75 Ω Video Cable With the AD8123 ........................ 13
Driving a Capacitive Load......................................................... 13
Filtering the RGB Outputs ........................................................ 13
Power Supply Filtering............................................................... 14
Layout and Power Supply Decoupling Considerations......... 14
Input Common-Mode Range ................................................... 14
Small Signal Frequency Response............................................ 15
Power-Down ............................................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide............................................................................... 16
REVISION HISTORY
8/07—Revision 0: Initial Version


Similar Part No. - AD8123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123 AD-AD8123 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123 AD-AD8123 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123ACPZ AD-AD8123ACPZ Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ-R7 AD-AD8123ACPZ-R7 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
More results

Similar Description - AD8123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128 Datasheet
311Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com