Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9925DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9925DY
Description  Dual N-Channel 2.5-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9925DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9925DY Datasheet HTML 1Page - Vishay Siliconix SI9925DY Datasheet HTML 2Page - Vishay Siliconix SI9925DY Datasheet HTML 3Page - Vishay Siliconix SI9925DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si9925DY
Vishay Siliconix
www.vishay.com
4
Document Number: 70145
S-03950—Rev. N, 26-May-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
TJ - Temperature (_C)
Time (sec)
- 0.6
- 0.4
- 0.2
- 0.0
0.2
0.4
- 50
0
50
100
150
0.00
0.03
0.06
0.09
0.12
0.15
0.18
02468
TJ = 150_C
TJ = 25_C
2
1
0.1
0.01
ID = 5 A
ID = 250 µA
0
0.4
10
0.8
1.2
1.6
1
10-3
10-2
110
30
10-1
10-4
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0
8
16
24
32
40
0.01
0.1
110
30
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
40


Similar Part No. - SI9925DY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SI9925DY PHILIPS-SI9925DY Datasheet
272Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-20 July 2001
logo
VBsemi Electronics Co.,...
SI9925DY-T1-E3 VBSEMI-SI9925DY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - SI9925DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com