Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH343ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH343ID
Description  280MHz single-supply triple video buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSH343ID Datasheet HTML 1Page - STMicroelectronics TSH343ID Datasheet HTML 2Page - STMicroelectronics TSH343ID Datasheet HTML 3Page - STMicroelectronics TSH343ID Datasheet HTML 4Page - STMicroelectronics TSH343ID Datasheet HTML 5Page - STMicroelectronics TSH343ID Datasheet HTML 6Page - STMicroelectronics TSH343ID Datasheet HTML 7Page - STMicroelectronics TSH343ID Datasheet HTML 8Page - STMicroelectronics TSH343ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TSH343
Absolute maximum ratings and operating conditions
3/17
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network terminal.
6V
Vin
Input voltage range (2)
2.
The magnitude of input and output voltages must never exceed VCC +0.3V.
0 to +1.4
V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
SO8 thermal resistance junction to case
28
°C/W
Rthja
SO8 thermal resistance junction to ambient area
157
°C/W
Pmax
Maximum power dissipation (@Tamb=25°C) for Tj=150°C
800
mW
ESD
CDM: charged device model
HBM: human body model
MM: machine model
2
1.5
200
kV
kV
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
3 to 5.5(1)
1.
Tested in full production at 0V/5V single power supply.
V


Similar Part No. - TSH343ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343ID STMICROELECTRONICS-TSH343ID Datasheet
228Kb / 14P
   280MHz Single - Supply Triple Video Buffer
TSH343IDT STMICROELECTRONICS-TSH343IDT Datasheet
228Kb / 14P
   280MHz Single - Supply Triple Video Buffer
More results

Similar Description - TSH343ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343 STMICROELECTRONICS-TSH343 Datasheet
228Kb / 14P
   280MHz Single - Supply Triple Video Buffer
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
   340MHz single-supply triple video buffer
TSH344 STMICROELECTRONICS-TSH344 Datasheet
222Kb / 14P
   340MHz Single-Supply Triple Video Buffer
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com