Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33079D Datasheet(PDF) 5 Page - STMicroelectronics

Part # MC33079D
Description  LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079D Datasheet(HTML) 5 Page - STMicroelectronics

  MC33079D Datasheet HTML 1Page - STMicroelectronics MC33079D Datasheet HTML 2Page - STMicroelectronics MC33079D Datasheet HTML 3Page - STMicroelectronics MC33079D Datasheet HTML 4Page - STMicroelectronics MC33079D Datasheet HTML 5Page - STMicroelectronics MC33079D Datasheet HTML 6Page - STMicroelectronics MC33079D Datasheet HTML 7Page - STMicroelectronics MC33079D Datasheet HTML 8Page - STMicroelectronics MC33079D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33079
ELECTRICAL CHARACTERISTICS
5/12
φm
Phase Margin (RL = 2kΩ), CL = 0pF
CL = 100pF
55
30
Degrees
en
Equivalent Input Noise Voltage (RS = 100Ω, f = 1kHz)
4.5
in
Equivalent Input Noise Current (f = 1kHz)
0.5
THD
Total Harmonic Distortion (RL = 2kΩ, f = 20Hz to 20kHz,
Vo = 3Vrms, AV = +1)
0.002
%
VO1/VO2 Channel Separation (f = 20Hz to 20kHz)
120
dB
FPB
Full Power Bandwidth (Vo = 27Vpp, RL = 2kΩ, THD ≤ 1%)
120
kHz
Zo
Output Impedance (Vo = 0V, f = 9MHz)
37
Ri
Input Resistance (Vic = 0V)
175
k
Ci
Input Capacitance (Vic = 0V)
12
pF
Table 4.
VCC
+ = +15V, V
CC- = -15V, Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 2kΩ, Vo = ±10V
100
dB
ICC
No load, per operator
2
mA
Vicm
∆V
io = 5mV, VO = 0V
28
V
Vopp
RL = 2kΩ
28.2
V
Isink
VO = 0V
37
mA
Isource
VO = 0V
29
mA
GBP
RL = 2kΩ, CL = 100pF
15
MHz
SR
RL = 10kΩ, CL = 100pF, Av = +1
7V/
µs
φm
RL = 2kΩ, CL = 0pF
55
Degrees
Table 3.
VCC
+ = +15V, V
CC
- = -15V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------
pA
Hz
------------


Similar Part No. - MC33079D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33079D ONSEMI-MC33079D Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
STMicroelectronics
MC33079D STMICROELECTRONICS-MC33079D Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33079D ONSEMI-MC33079D Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
STMicroelectronics
MC33079D STMICROELECTRONICS-MC33079D Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
ON Semiconductor
MC33079DG ONSEMI-MC33079DG Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
More results

Similar Description - MC33079D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com