Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630ACSC6-HZ12TRMPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2630ACSC6-HZ12TRMPBF
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630ACSC6-HZ12TRMPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 1Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 2Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 3Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 4Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 5Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 6Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 7Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 8Page - Linear Technology LTC2630ACSC6-HZ12TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2630
5
2630f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time
VCC = 3V (Note 7)
±0.39% (±1LSB at 8 Bits)
±0.098% (±1LSB at 10 Bits)
±0.024% (±1LSB at 12 Bits)
3.2
3.9
4.4
μs
μs
μs
Voltage Output Slew Rate
1.0
V/
μs
Capacitive Load Driving
500
pF
Glitch Impulse
At Midscale Transition
2
nV•s
en
Output Voltage Noise Density
At f = 1kHz, Supply as Reference
At f = 10kHz, Supply as Reference
At f = 1kHz, Internal Reference
At f = 10kHz, Internal Reference
140
130
160
150
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz, Supply as Reference
0.1Hz to 10Hz, Internal Reference
0.1Hz to 200kHz, Supply as Reference
0.1Hz to 200kHz, Internal Reference
20
20
650
700
μVP-P
μVP-P
μVP-P
μVP-P
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
SDI Valid to SCK Setup
4ns
t2
SDI Valid to SCK Hold
4ns
t3
SCK High Time
9ns
t4
SCK Low Time
9ns
t5
⎯C⎯S/LD Pulse width
10
ns
t6
SCK High to
⎯C⎯S/LD High
7ns
t7
⎯C⎯S/LD Low to SCK High
7ns
t10
⎯C⎯S/LD High to SCK Positive Edge
7ns
SCK Frequency
50% Duty Cycle
50
MHz
TIMING CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V. (See Figure 1) (Note 6).
LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)


Similar Part No. - LTC2630ACSC6-HZ12TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630ACSC6-HZ12TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com