Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD269PH Datasheet(PDF) 4 Page - Jianghai Europe GmbH

Part # CD269PH
Description  EC Radial 125째C 4.000h Liftetime High Reliability at High Temperature(Radial)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD269PH Datasheet(HTML) 4 Page - Jianghai Europe GmbH

  CD269PH Datasheet HTML 1Page - Jianghai Europe GmbH CD269PH Datasheet HTML 2Page - Jianghai Europe GmbH CD269PH Datasheet HTML 3Page - Jianghai Europe GmbH CD269PH Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
Part Number System
L
L ≤ 7
L ≥ 11
Ø D
3
4
5
6,3
8
5
6,3
8
10 12,5 16
18
20
22
25
F
1
1,5
2,0
2,5
3,5
2,0
2,5
3,5
5,0
7,5
10,0
12,5
Ø d
0,4
0,45
0,5
0,6
0,8
1,0
a
Max
1,0
2,0
in mm
Dimensions for loose, long-lead type, (bulk)
Order Code: LL
Dimensions for Ammopack taping
Order Code: FF (FD)
Code
Case Range
Dimensions
Form
Ammopack
Ø D
L (max) H ± 0,75 Ho ± 0,5 F ± 0,5
P ± 0,1
FF
4 ~ 6
13
18,5
-
2,5
12,7
A
8
13
18,5
-
3,5
12,7
4 ~ 8
7
17,5
16
5
12,7
B
5 ~ 6,3
13
18,5
8
22
20,0
10
22
18,5
-
A
12,5
27
18,5
-
15,0
FD
12,5
27
18,5
-
25,4
C
FF
16 ~ 18
27
18,5
-
7,5
30,0
in mm
Dimensions for loose, short cut leads, (bulk)
Order Code: CC (CB,CD,CE,CF)
Straight Lead
Bended Lead
Code
CB
CC
CD
CE
CF
I
5,0 ± 0,5
4,5 ± 0,5
4,0 ± 0,5
3,5 ± 0,5
3,0 ± 0,5
in mm
preferred
Form A
Form B
Form C
Technical Specification Radial Type
2.5max
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Similar Part No. - CD269PH

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
More results

Similar Description - CD269PH

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD110PT JIANGHAI-CD110PT Datasheet
926Kb / 4P
   EC Radial Standard 85째C 3.000 - 4.000h Lifetime (Radial)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
logo
RFE international
FHT200-16F RFE-FHT200-16F Datasheet
190Kb / 2P
   Radial Leaded PPTC FHT Series: High Temperature, 125째C
logo
Jianghai Europe GmbH
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
   EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
logo
AVX Corporation
VR15AT18A650RTR2 AVX-VR15AT18A650RTR2 Datasheet
145Kb / 2P
   Radial Leaded High Temperature Automotive
logo
HolyStone International
HXX HOLYSTONECAPS-HXX Datasheet
262Kb / 3P
   High Temperature Radial Leaded Capacitors
logo
Vishay Siliconix
TJ5-HT VISHAY-TJ5-HT_V01 Datasheet
130Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
01-Jan-2022
TJ3-HT VISHAY-TJ3-HT_12 Datasheet
149Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com