Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630AHSC6-HZ10TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2630AHSC6-HZ10TRMPBF
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630AHSC6-HZ10TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 5Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 6Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 7Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 8Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 9Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 10Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 11Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 12Page - Linear Technology LTC2630AHSC6-HZ10TRMPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2630
9
2630f
TEMPERATURE (
°C)
–50 –25
25
75
125
4.095
4.105
150
2630 G12
4.085
4.075
0
50
100
4.115
VCC = 5V
2
µs/DIV
2630 G13
VOUT
1LSB/DIV
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.096V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
CS/LD
2V/DIV
4.0
µs
Settling to ±1LSB
2
µs/DIV
2630 G14
VOUT
1LSB/DIV
CS/LD
2V/DIV
4.8
µs
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.096V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
Settling to ±1LSB
TYPICAL PERFORMANCE CHARACTERISTICS
INL vs Temperature
DNL vs Temperature
Full-Scale Output Voltage vs
Temperature
LTC2630-HM12/-HZ12 (VFS = 4.096V)
Integral Nonlinearity (INL)
CODE
0
0
0.5
4095
2630 G08
–0.5
–1.0
1024
2048
3072
1.0
VCC = 5V
Differential Nonlinearity (DNL)
CODE
0
0
0.5
4095
2630 G09
–0.5
–1.0
1024
2048
3072
1.0
VCC = 5V
TEMPERATURE (
°C)
–50 –25
25
75
125
0
0.5
150
2630 G10
–0.5
–1.0
0
50
100
1.0
VCC = 5V
INL (POS)
INL (NEG)
TEMPERATURE (
°C)
–50 –25
25
75
125
0
0.5
150
2630 G11
–0.5
–1.0
0
50
100
1.0
VCC = 5V
DNL (POS)
DNL (NEG)


Similar Part No. - LTC2630AHSC6-HZ10TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630AHSC6-HZ10TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com