Part Name
         Description
CD138PC

 EC Screw 85°C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw) ( 4 Page)


JIANGHAI
100% 
Zoom Out Zoom In
   
 1 page
background image
7
10 000h at 85°C
· Long Life
· High Reliability
· High Currents for High Professional Applications
·
and High Power Inverter
CD
18 PC Series
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
10 000h
>100 000h
5 000h
5 000h
1 000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacity Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 10% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value
Not more than 200% of
specified value
Not more than 130% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
85°C
≤ 1% Failure Rate
U
R
1,4 x I
R
40°C
≤ 1% Failure Rate
U
R
I
R
85°C
guaranteed
U
R
I
R
= 0
85°C
U
R = 0
I
R
= 0
85°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Item
Characteristics
Operating Temperature Range (°C)
-40 ~ +85
Voltage Range (V)
350 ~ 450
Capacitance Range (µF)
1000 ~ 18 000
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Less than 0,15
Frequency
50Hz
120Hz
300Hz
1kHz
≥10kHz
Coefficient
0,70
1,00
1,10
1,30
1,40
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
40
50
60
70
80
90
CD 138 PC Series
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X8
X4
X2
X1
Lifetime
Multiplier
X16
CD
139 BL
CD
138 PC
longer
life
CD
135 BP
CD
137 PX
highest
voltage
CD
136 PK
105°C
longer
life
105°C
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD137PXEC Screw 85°C Long Lifetime 10.000h Highest Voltage at Compact Size Screw 1 2 3 4 Jianghai Europe GmbH
CD295BCEC Snap-In 85°C Long Lifetime 6.000h High Ripple Currents Snap-In 1 2 3 4 5 Jianghai Europe GmbH
CD139BLEC Screw 105°C Longest Lifetime 9.000h High Reliability at High Voltage Screw 1 2 3 4 Jianghai Europe GmbH
CD29LQLEC Snap-In 85°C Long Lifetime 7.000h Highest Ripple Currents Largest Size Snap-In 1 2 3 4 Jianghai Europe GmbH
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
CD261LKEC 105°C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage Radial 1 2 3 4 Jianghai Europe GmbH
TMPG06-43AAutomotive Transient Voltage Suppressors High Temperature Stability & High Reliability Conditions 1 2 3 4 5 Vishay Siliconix
CD296KCEC Snap-In 105°C Long Lifetime 5.000h High Ripple Currents Snap-In 1 2 3 4 5 Jianghai Europe GmbH
CD284XYEC Radial 105°C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents Radial 1 2 3 4 5 Jianghai Europe GmbH
CD287GCEC Radial 105°C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents Radial 1 2 3 4 5 Jianghai Europe GmbH

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl