Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630AISC6-LZ10TRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2630AISC6-LZ10TRMPBF
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630AISC6-LZ10TRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2630AISC6-LZ10TRMPBF Datasheet HTML 1Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 2Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 3Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 4Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 5Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 6Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 7Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 8Page - Linear Technology LTC2630AISC6-LZ10TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2630
3
2630f
PRODUCT SELECTION GUIDE
PART NUMBER
VFS WITH INTERNAL REFERENCE
POWER-ON RESET TO CODE
RESOLUTION
VCC
MAXIMUM INL
LTC2630A-LM12
LTC2630A-LZ12
LTC2630A-HM12
LTC2630A-HZ12
2.5V • (4095/4096)
2.5V • (4095/4096)
4.096V • (4095/4096)
4.096V • (4095/4096)
Mid-Scale
Zero
Mid-Scale
Zero
12-Bit
12-Bit
12-Bit
12-Bit
2.7V–5.5V
2.7V–5.5V
4.5V–5.5V
4.5V–5.5V
±1LSB
±1LSB
±1LSB
±1LSB
LTC2630-LM12
LTC2630-LM10
LTC2630-LM8
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
12-Bit
10-Bit
8-Bit
2.7V–5.5V
2.7V–5.5V
2.7V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-LZ12
LTC2630-LZ10
LTC2630-LZ8
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Zero
Zero
Zero
12-Bit
10-Bit
8-Bit
2.7V–5.5V
2.7V–5.5V
2.7V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-HM12
LTC2630-HM10
LTC2630-HM8
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
12-Bit
10-Bit
8-Bit
4.5V–5.5V
4.5V–5.5V
4.5V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-HZ12
LTC2630-HZ10
LTC2630-HZ8
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Zero
Zero
Zero
12-Bit
10-Bit
8-Bit
4.5V–5.5V
4.5V–5.5V
4.5V–5.5V
±2LSB
±1LSB
±0.5LSB


Similar Part No. - LTC2630AISC6-LZ10TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630AISC6-LZ10TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com