Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

323HD Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 323HD
Description  5.0mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

323HD Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  323HD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 323HD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 323HD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 323HD Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number :
DLE-032-016
REV:
2.0
5.0mm Round Type LED Lamps
MODEL NO :
323HD
ECN :
Page:
3/4
Typical Electro-Optical Characteristic Curres


Similar Part No. - 323HD

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
323 FLUKE-323 Datasheet
1Mb / 2P
   320 Series True-rms Clamp Meters
logo
WECO ELECTRICAL CONNECT...
323 WECO-323 Datasheet
121Kb / 1P
   Socket terminal strip Screw connection
05.18
logo
Advanced Energy Industr...
323 ADVANCEDENERGY-323 Datasheet
254Kb / 4P
   TREK 323
02 4.21
logo
Mill-Max Mfg. Corp.
323-11-101-41-001000 MILL-MAX-323-11-101-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
323-11-102-41-001000 MILL-MAX-323-11-102-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
More results

Similar Description - 323HD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com