Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301CNQ Datasheet(PDF) 2 Page - International Rectifier

Part # 301CNQ
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301CNQ Datasheet(HTML) 2 Page - International Rectifier

  301CNQ Datasheet HTML 1Page - International Rectifier 301CNQ Datasheet HTML 2Page - International Rectifier 301CNQ Datasheet HTML 3Page - International Rectifier 301CNQ Datasheet HTML 4Page - International Rectifier 301CNQ Datasheet HTML 5Page - International Rectifier 301CNQ Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
301CNQ...PbF Series
2
Bulletin PD-21104 12/05
www.irf.com
I
F(AV)
Max.AverageForward
PerDevice
300
A
50% duty cycle @ T
C = 81 °C, rectangular wave form
Current * See Fig. 5
PerLeg
150
I
FSM
Max.PeakOneCycleNon-Repetitive
16,000
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
3200
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
202
mJ
T
J = 25 °C, IAS = 21 Amps, L = 1 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
30
A
Currentdecayinglinearly to zeroin1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
Parameters
301CNQ Units Conditions
A
T
J =
25 °C
V
R = rated VR
Electrical Specifications
V
FM
Max. Forward Voltage Drop
0.69
V
@ 150A
(Per Leg) * See Fig. 1
(1)
0.90
V
@ 300A
0.59
V
@ 150A
0.76
V
@ 300A
I
RM
Max. Reverse Leakage Current
10
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
90
mA
T
J = 125 °C
CT
Max. Junction Capacitance (Per Leg)
5200
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10,000
V/ µs (Rated VR)
Parameters
301CNQ Units
Conditions
T
J = 100 °C
(1) Pulse Width < 300µs, Duty Cycle <2%
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
- 55
-
175
°C
TStg
Max. Storage Temperature Range
- 55
-
175
RthJC
Thermal Resistance, Junction to Case
Per Leg
-
-
0.28
°C/W
Thermal Resistance, Junction to Case
Per Module
-
-
0.14
K/W
RthCS
Thermal Resistance, Case to Heatsink
-
0.10
-
Wt
Weight
-
68 (2.4)
-
g (oz)
Mounting Torque
35.4 (4)
-
53.1 (6)
lbf*in
Mounting Torque Center Hole
30 (3.4)
-
40 (4.6)
(Nm)
Terminal Torque
30 (3.4)
-
44.2 (5)
Vertical Pull
-
-
80
lbf.in
2 inch Lever Pull
-
-
35
Thermal - Mechanical Characteristics
Part number
301CNQ040PbF
301CNQ045PbF
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
40
45


Similar Part No. - 301CNQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
301CNQ IRF-301CNQ Datasheet
155Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
301CNQ SMC-301CNQ Datasheet
206Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
International Rectifier
301CNQ035 IRF-301CNQ035 Datasheet
155Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
301CNQ035 MICROSEMI-301CNQ035 Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
301CNQ035 SMC-301CNQ035 Datasheet
210Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 301CNQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com