Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8358 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8358
Description  Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8358 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8358 Datasheet HTML 1Page - NXP Semiconductors TDA8358 Datasheet HTML 2Page - NXP Semiconductors TDA8358 Datasheet HTML 3Page - NXP Semiconductors TDA8358 Datasheet HTML 4Page - NXP Semiconductors TDA8358 Datasheet HTML 5Page - NXP Semiconductors TDA8358 Datasheet HTML 6Page - NXP Semiconductors TDA8358 Datasheet HTML 7Page - NXP Semiconductors TDA8358 Datasheet HTML 8Page - NXP Semiconductors TDA8358 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Dec 22
2
Philips Semiconductors
Product specification
Full bridge vertical deflection output circuit
in LVDMOS with east-west amplifier
TDA8358J
FEATURES
• Few external components required
• High efficiency fully DC coupled vertical bridge output
circuit
• Vertical flyback switch with short rise and fall times
• Built-in guard circuit
• Thermal protection circuit
• Improved EMC performance due to differential inputs
• East-west output stage.
GENERAL DESCRIPTION
The TDA8358J is a power circuit for use in 90
° and 110°
colour deflection systems for 25 to 200 Hz field
frequencies, and for 4 : 3 and 16 : 9 picture tubes. The IC
contains a vertical deflection output circuit, operating as a
high efficiency class G system. The full bridge output
circuit allows DC coupling of the deflection coil in
combination with single positive supply voltages.
The east-west output stage is able to supply the sink
current for a diode modulator circuit.
The IC is constructed in a Low Voltage DMOS (LVDMOS)
process that combines bipolar, CMOS and DMOS
devices. DMOS transistors are used in the output stage
because of absence of second breakdown.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
7.5
12
18
V
VFB
flyback supply voltage
2VP
45
66
V
Iq(P)(av)
average quiescent supply current
during scan
10
15
mA
Iq(FB)(av)
average quiescent flyback supply current
during scan
−−
10
mA
PEW
east-west power dissipation
−−
4W
Ptot
total power dissipation
−−
15
W
Inputs and outputs
Vi(dif)(p-p)
differential input voltage (peak-to-peak value)
1000
1500
mV
Io(p-p)
output current (peak-to-peak value)
−−
3.2
A
Flyback switch
Io(peak)
maximum (peak) output current
t
≤ 1.5 ms
−−±1.8
A
East-west amplifier
Vo
output voltage
−−
68
V
VI(bias)
input bias voltage
2
3.2
V
Io
output current
−−
750
mA
Thermal data; in accordance with IEC 747-1
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−25
+75
°C
Tj
junction temperature
−−
150
°C


Similar Part No. - TDA8358

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Similar Description - TDA8358

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com