Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3008 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3008
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3008 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3008 Datasheet HTML 1Page - Microchip Technology MCP3008 Datasheet HTML 2Page - Microchip Technology MCP3008 Datasheet HTML 3Page - Microchip Technology MCP3008 Datasheet HTML 4Page - Microchip Technology MCP3008 Datasheet HTML 5Page - Microchip Technology MCP3008 Datasheet HTML 6Page - Microchip Technology MCP3008 Datasheet HTML 7Page - Microchip Technology MCP3008 Datasheet HTML 8Page - Microchip Technology MCP3008 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21295C-page 3
MCP3004/3008
Analog Inputs
Input Voltage Range for CH0 or
CH1 in Single-Ended Mode
VSS
—VREF
V
Input Voltage Range for IN+ in
pseudo-differential mode
IN-
VREF+IN-
Input Voltage Range for IN- in
pseudo-differential mode
VSS-100
VSS+100
mV
Leakage Current
0.001
±1
µA
Switch Resistance
1000
Ω
See Figure 4-1
Sample Capacitor
20
pF
See Figure 4-1
Digital Input/Output
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
0.3 VDD
V
High Level Output Voltage
VOH
4.1
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
10
µA
VOUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
CIN,
COUT
——
10
pF
VDD = 5.0V (Note 1)
TAMB = 25°C, f = 1 MHz
Timing Parameters
Clock Frequency
fCLK
——3.6
1.35
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
125
ns
Clock Low Time
tLO
125
ns
CS Fall To First Rising CLK Edge
tSUCS
100
ns
CS Fall To Falling CLK Edge
tCSD
——
0
ns
Data Input Setup Time
tSU
——
50
ns
Data Input Hold Time
tHD
——
50
ns
CLK Fall To Output Data Valid
tDO
——
125
200
ns
ns
VDD = 5V, See Figure 1-2
VDD = 2.7V, See Figure 1-2
CLK Fall To Output Enable
tEN
——
125
200
ns
ns
VDD = 5V, See Figure 1-2
VDD = 2.7V, See Figure 1-2
CS Rise To Output Disable
tDIS
100
ns
See Test Circuits, Figure 1-2
CS Disable Time
tCSH
270
ns
D
OUT Rise Time
tR
100
ns
See Test Circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
tF
100
ns
See Test Circuits, Figure 1-2
(Note 1)
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VREF = 5V,
TAMB = -40°C to +85°C, fSAMPLE = 200 ksps and fCLK = 18*fSAMPLE. Unless otherwise noted, typical values apply for
VDD = 5V, TAMB = 25°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1: This parameter is established by characterization and not 100% tested.
2: See graphs that relate linearity performance to VREF levels.
3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures. See Section 6.2, “Maintaining Minimum Clock Speed”,
for more information.


Similar Part No. - MCP3008

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3008 MICROCHIP-MCP3008 Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
MCP3008 MICROCHIP-MCP3008 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3008-I/P MICROCHIP-MCP3008-I/P Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3008-I/P-ND MICROCHIP-MCP3008-I/P-ND Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3008-I/SL MICROCHIP-MCP3008-I/SL Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
More results

Similar Description - MCP3008

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com