Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE761HL2 Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE761HL2
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE761HL2 Datasheet(HTML) 1 Page - Hongfa Technology

  JE761HL2 Datasheet HTML 1Page - Hongfa Technology JE761HL2 Datasheet HTML 2Page - Hongfa Technology JE761HL2 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
=QUJT0 ,96 52E2 D9@H? 23@G6 2C6 :?:E:2= G2=F6Da
ehg
r:6=64EC:4
+EC6?8E9
dtC@> o_ do^dp D:?8=6 D:56 DE23=6
d 4@:= =2E49:?8
et@C> o D:?8=6 D:56 DE23=6
e 4@:=D =2E49:?8
ecc>/
ecc>/
ekc>/
ekc>/
6JGUVSJT
q@:= A@H6C
t:=6 |@amsdfghdj
=QUJT0 }?=J D@>6 EJA:42= C2E:?8D 2C6 =:DE65 23@G6aw7 >@C6 56E2:=D 2C6
C6BF:C65_ A=62D6 4@?E24E FDa
dt@C> o
et@C> o
do^d p
d]
:5/
eo_ do ^ dp
o8|:_o8|:^oF
ko ehc.oqb fc.rq
ejj.oq
ko
ko
eccc.ob egc/
do
dccc{ \2E hcc.rq]
do_ do^dpm gccc.oq d>:?
eom eccc.oq d>:?
dccc.oq d>:?
ec>D >:?a
\*64@>>6?5m dcc>D E@ ecc>D]
dc>D >2Ia
dc>D >2Ia
ec 4J4=6D b>:?
hc y >2Ia
dcvKE@ hhvK dah>> ro
dcc>bDe \dc8]
hZ E@ khZ *v
`gc @q E@ jc @q
~qp
oAAC@Iai8
/2D9 E:89E_t=FI AC@@765
gh
deh
dkc
gch
jec
ekkc
fead
klaf
del
ekl
hdg
echi
fead^fead
klaf^klaf
del^del
ekl^ekl
hdg^hdg
echi^echi
ead
fah
gae
iaf
kag
diak
ead
fah
gae
iaf
kag
diak
ead
fah
gae
iaf
kag
diak
f
h
i
l
de
eg
f
h
i
l
de
eg
f
h
i
l
de
eg
AC2<9=91BC@5 9=B5@<5491B5 ?>E5@ @5;1F
3>=B13B 41B1
381@13B5@9AB93A
3>9;
3>9; 41B1
|@>:?2=
.@=E286
.rq
~:4<`FA
\+6Eb*6D6E]
.@=E286
.rq
rC@A`@FE
.@=E286
.rq
q@:=
*6D:DE2?46
I \d dcZ]
v}|uto *szo1
w+}lccdTw+}b,+dilgl Tw+}dgccd T}v+o+dkccd qs*,wtwsr
eccj *6Ga eacd
q@?E24E C6D:DE2?46
}A6C2E6 E:>6 \2E ?@>:a G@=Ea]
*6=62D6 \*6D6E] E:>6
\2E ?@>:a G@=Ea]
{2Ia @A6C2E6 7C6BF6?4J
\F?56C C2E65 =@25]
,6>A6C2EFC6 C:D6 \2E ?@>:a G@=Ea]
.:3C2E:@? C6D:DE2?46
+9@4< C6D:DE2?46
vF>:5:EJ
o>3:6?E E6>A6C2EFC6
,6C>:?2E:@?
-?:E H6:89E
q@?DECF4E:@?
~F=D6 H:5E9 @7 4@:=
p6EH66? 4@:= [ 4@?E24ED
2E ef
A165BF 1??@>D1; @1B9=7A
C;+3C@
|@ 8@=5 A=2E65mhc> \2E do i.rq]
u@=5 A=2E65mfc> \2E do i.rq]
dcoehc.oqb kofc.rq
ejj.oq
dco
dco
ehcc.o b egc/
h I dcj}~+
d I dch }~+ \e t@C> om f I dcg @AD]
caf
cah
cai
cal
dae
eag
caf
cah
cai
cal
dae
eag
```
V v:89 DH:E49:?8 42A24:EJ
dom dco ehc.oqbko fc.rqn
eo_ do^dpm ko ehc.oqbfc.rq
V v:89 D6?D:E:G:EJm ecc>/
V g<. 5:6=64EC:4 DEC6?8E9 \36EH66? 4@:= [ 4@?E24ED]
V +:?8=6 D:56 DE23=6 2?5 =2E49:?8 EJA6D 2G2:=23=6
V dt@C> o_et@C> o 2?5 do^dp 4@?E24E 2CC2?86>6?E
V s?G:C@?>6?E2= 7C:6?5=J AC@5F4E \*@v+ 4@>A=:2?E]
V }FE=:?6 r:>6?D:@?Dm \ecac I dhac I dcae] >>
q@?E24E 2CC2?86>6?E
q@?E24E >2E6C:2=
q@?E24E C2E:?8 \*6Da =@25]
{2Ia DH:E49:?8 .@=E286
{2Ia DH:E49:?8 4FCC6?E
{2Ia 4@?E:?F@FD 4FCC6?E
{2Ia DH:E49:?8 A@H6C
{6492?:42= 6?5FC2?46
s=64EC:42= 6?5FC2?46
e 4@:=D =2E49:?8
do_ do^dp
D:?8=6 D:56 DE23=6
d 4@:= =2E49:?8
et@C> o
D:?8=6 D:56 DE23=6
w?DF=2E:@? C6D:DE2?46
p6EH66? @A6? 4@?E24ED
dco ehc.oq
ko fc.rq
dbgv~ deh.oq
dbfv~ ehc.oq
ko ehc.oqbfc.rq
dbgv~ deh.oq
dbfv~ ehc.oq
ko ehc.oqbfc.rq
dbgv~ deh.oq
dbfv~ ehc.oq
```
```
```
```
```
=QUJT0 d] D6EbC6D6E G@=E286 :D 2AA=:65 E@ =2E49:?8 C6=2Ja


Similar Description - JE761HL2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com