Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS6D28-3R0-RN Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LS6D28-3R0-RN
Description  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS6D28-3R0-RN Datasheet(HTML) 1 Page - ice Components, Ins.

  LS6D28-3R0-RN Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
6
Number
Inductance
1
(μH+/-30%)
Test Frequency
(kHz)
I
DC max
2
(A)
DCR max
(Ω)
FEATURES
-Will Handle Up To 3A
-Economical Design
-Suitable For Pick And Place
-Withstands Solder Reflow
-Shielded Design
APPLICATIONS
-DC/DC Converters
-Output Power Chokes
-Handheld And PDA Applications
-Battery Powered Or Low Voltage Applications
Surface Mount Power Inductors
LS6D28 Series
Mechanical
Electrical Specifications
Specifications subject to change without notice.
PACKAGING
-Reel Diameter: 330mm
-Reel Width: 16.3mm
-Pieces Per Reel: 1000
(10/06) LS-12
LS6D28-3R0-RN
LS6D28-3R9-RN
LS6D28-5R0-RN
LS6D28-6R0-RN
LS6D28-7R3-RN
LS6D28-8R6-RN
LS6D28-100-RN
LS6D28-120-RN
LS6D28-150-RN
LS6D28-180-RN
LS6D28-220-RN
LS6D28-270-RN
LS6D28-330-RN
LS6D28-390-RN
LS6D28-470-RN
LS6D28-560-RN
LS6D28-680-RN
LS6D28-820-RN
LS6D28-101-RN
LS6D28-121-RN
LS6D28-151-RN
LS6D28-181-RN
LS6D28-221-RN
LS6D28-271-RN
LS6D28-331-RN
LS6D28-391-RN
LS6D28-471-RN
LS6D28-561-RN
LS6D25-681-RN
3.0
3.9
5.0
6.0
7.3
8.6
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.024
0.027
0.031
0.035
0.054
0.058
0.065
0.070
0.084
0.095
0.128
0.142
0.165
0.210
0.238
0.277
0.304
0.390
0.535
0.750
0.950
1.20
1.50
1.70
2.15
2.25
3.15
3.75
5.15
3.00
2.60
2.40
2.25
2.10
1.85
1.70
1.55
1.40
1.32
1.20
1.05
.97
.86
.80
.73
.65
.60
.54
.51
.47
.41
.37
.33
.28
.27
.21
.20
.20
6.7+/-0.3
XXX
3.0 max
2.0 ref
9.5 max
6.5 ref
6.5 ref
7.3
2.65
2.0
1. Tested @ 10kHz, 0.1Vrms.
2. Inductance drop = 35% at rated I
DC max.
3. Electrical specifications at 25ºC.
4. Operating temperature range:
-40ºC to +85ºC.
5. Meets UL 94V-0.
6. Optional Tolerances: 10%(K), 15%(L),
and 20%(M).
unit= mm
���������������������
���������������������
��������������������
�������������������
����� ������������


Similar Part No. - LS6D28-3R0-RN

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LS6D28-3R0-RN ICE-LS6D28-3R0-RN Datasheet
213Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - LS6D28-3R0-RN

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com