Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV6012HQTD Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFV6012HQTD
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV6012HQTD Datasheet(HTML) 5 Page - Hongfa Technology

  HFV6012HQTD Datasheet HTML 1Page - Hongfa Technology HFV6012HQTD Datasheet HTML 2Page - Hongfa Technology HFV6012HQTD Datasheet HTML 3Page - Hongfa Technology HFV6012HQTD Datasheet HTML 4Page - Hongfa Technology HFV6012HQTD Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
82 Tb_ fi[^ [h^ _f_]nlc][f _h^ol[h]_ n_mnm [l_ g[^_ []]il^cha
ni yDONTBDT EBTBz j[l[g_n_lmx n[\f_5 J` []no[f fi[^
pifn[a_3 ]oll_hn3 il ij_l[n_ `l_ko_h]s cm ^c``_l_hn `lig
yDONTBDT EBTBz n[\f_3 jf_[m_ [ll[ha_ ]ill_mjih^cha
n_mnm `il ]ih`clg[ncih5
95 Li[^ fcgcn ]olp_
Sqcn]bcha ]oll_hn 1B2
=9
977
877
<7
87
758 759 75: 75; 75<
8
<
87
97 :7 <7
877
87W
97W
<7W
877W
9<7W
:5 Bg\c_hn n_gj_l[nol_ ]olp_ i` nb_ _f_]nlc][f _h^ol[h]_ n_mn
82 Tb_ gchcgog n_gj_l[nol_ cm 4;7 5
92 Tb_ g[rcgog n_gj_l[nol_ cm 89< 5
Ecm]f[cg_l
Tb_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 S__ ni -T_lgchifias [h^ Hoc^_fch_m- `il gil_ ch`ilg[ncih5 Sj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
Jh ][m_ nb_l_ cm mj_]c`c] ]lcn_lcih 1mo]b [m gcmmcih jli`cf_3 n_]bhc][f mj_]c`c][ncih3 PPBP _n]52 ]b_]e_^ [h^ [al__^ \s [h^ \_nq__h ]omnig_l [h^ Iiha`[3
nbcm mj_]c`c] ]lcn_lcih mbiof^ \_ n[e_h [m mn[h^[l^ l_a[l^cha [hs l_kocl_g_hn ih Iiha`[ jli^o]n5
W_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Tbom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni ]biim_
nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 J` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Iiha`[ `il nb_ n_]bhc][f m_lpc]_5 Iiq_p_l3 cn cm nb_ om_lxm l_mjihmc\cfcns
ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
u Xc[g_h Iiha`[ Ff_]nli[]iomnc] Di53 Ln^5 Bff lcabnm i` Iiha`[ [l_ l_m_lp_^5
382@23B5@9AB93 3C@D5A
9?7
9=7
9;7
997
977
8?7
8=7
8;7
897
877
?7
=7
;7
97
7
4;7
497
7
97
4;7
=7
?7
877
897 89<
82 Tb_ ij_l[ncha pifn[a_ cm ]ihh_]n_^ qcnb ]icf jl_4_h_lact_^
ncg_ [h^ pifn[a_5 B`n_l jl_4_h_lact_^3 nb_ ij_l[ncha pifn[a_
qcff ch]l_[m_5
92 Tb_ g[rcgog [ffiq[\f_ ]icf n_gj_l[nol_ cm 8?7 5 Gil
nb_ ]icf n_gj_l[nol_ lcm_ qbc]b cm g_[mol_^ \s l_mcmn[h]_
cm [p_l[a_ p[fo_3 q_ l_]igg_h^ nb_ ]icf n_gj_l[nol_
mbiof^ \_ \_fiq 8>7
oh^_l nb_ ^c``_l_hn [jjfc][ncih
[g\c_hn3 ^c``_l_hn ]icf pifn[a_ [h^ ^c``_l_hn fi[^ _n]5
:2 J` nb_ []no[f ij_l[ncha ]icf pifn[a_ cm ion i` nb_ mj_]c`c_^
l[ha_3 jf_[m_ ]ihn[]n Iiha`[ `il `olnb_l ^_n[cfm5
85 Dicf ij_l[ncha pifn[a_ l[ha_
Bg\c_hn n_gj_l[nol_ 1 2
Ug[r5
Ujc]e4oj 1chcnc[f2
Ujc]e4oj 1[`n_l jl_4_h_lact[ncih oh^_l Uhigc52
8<7
79; <
>
@
88
8:
8<
8>
8@
98 99
89<
877
><
<7
9<
7
49<
4<7
8
:
=
?
87
89
8;
8=
8?
97
9: 9;
Tcg_ 1b2
Bg\c_hn n_gj5 ]olp_ 1ih_ ]s]f_2


Similar Part No. - HFV6012HQTD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6-G HONGFA-HFV6-G Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D HONGFA-HFV6-G/12-HSTN-D Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D1 HONGFA-HFV6-G/12-HSTN-D1 Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV6012HQTD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com