Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL37-220 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # ISL37-220
Description  SMT SMT Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

ISL37-220 Datasheet(HTML) 2 Page - ice Components, Ins.

  ISL37-220 Datasheet HTML 1Page - ice Components, Ins. ISL37-220 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductor
Mechanical - ISL37
units: mm
units: mm
units: mm
Mechanical - ISH37
����������
��������
��������������
��������
���������
��������������
Recommended PCB Layout
ISL & ISH Series
Specifications subject to change without notice.
(12/06) ISL & ISH-2
��������������
���������
���������
��������������
����������
��������
��������������
��������
Packaging: Reel Diameter=13”, Reel Width=32mm, Pieces/reel=250 pieces
Schematic
Recommended PCB Layout
Schematic
Packaging: Reel Diameter=13”, Reel Width=32mm, Pieces/reel=300 pieces
Mechanical - ISL44
Packaging: Reel Diameter=13”, Reel Width=32mm, Pieces/reel=250 pieces
����������
��������
��������������
��������
Recommended PCB Layout
Schematic


Similar Part No. - ISL37-220

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-220 ICE-ISL37-220 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Similar Description - ISL37-220

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com