Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I01-0950-01-00 Datasheet(PDF) 2 Page - ice Components, Ins.

Part No. I01-0950-01-00
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 2 page
background image
DIMENSIONS
PN
L
M
K
(Max.)
(Max.)
+/- 0.04/1.0
+/- 0.02/0.5
+/- 0.05/1.27
A
0.78/19.81
0.32/8.13
0.375/9.53
0.298/7.57
0.758/19.25
B
0.93/23.62
0.39/9.91
0.375/9.53
0.345/8.76
0.885/19.25
C
1.06/26.92
0.54/13.72
0.375/9.53
0.48/12.19
0.997/25.32
D
1.02/25.91
0.46/11.68
0.375/9.53
0.423/10.74
0.981/24.92
E
1.30/33.02
0.7/17.78
0.375/9.53
0.655/16.64
1.237/31.42
F
1.40/35.56
0.83/21.08
0.375/9.53
0.755/19.69
1.337/33.96
G
1.46/37.08
0.69/17.53
0.375/9.53
0.645/16.38
1.415/35.94
H
1.70/43.18
0.63/16.00
0.375/9.53
0.577/14.66
1.647/41.83
in./mm
N
M
P
P
L
K
L
MECHANICAL
VERTICAL
MOUNT
LO W
PROFILE
MOUNT
INDUCT ANCE
VS
CURRENT
Output Power Chokes
0
2
4
6
8
10
L-40%
L-30%
L-20%
L-10%
I01-0030-01-00
I01-0020-01-00
I01-0022-01-00
I01-0080-01-00
I01-0120-01-00
I01-0210-01-00
Measurements in amps
ICE COMPONENTS, INC.
www .icecomponents .com
PH 800-729-2099
I01-2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B82745Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
LFO-17-IPCW output power > 2.0 mW 1 2 List of Unclassifed Manufacturers
Q48DR1R533NRFADelphi Series Q48DR 87W-100W Quarter Brick Dual Output DC/DC Power Modules: 48V in 1.5V and 3.3V 15A out each channel 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1135_06360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
IP1202PBFDual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors PWM Control & Passives 1 2 3 4 5 MoreInternational Rectifier
B82747Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
LFO-18-ICW output power > 0.8 mW 1 2 List of Unclassifed Manufacturers
Q48DW3R312NRFADelphi Series Q48DW 45W Quarter Brick Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A 1 2 3 4 5 MoreDelta Electronics, Inc.
AK4367_05Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer 1 2 3 4 5 MoreAsahi Kasei Microsystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl