Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8315T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8315T
Description  Integrated NTSC decoder and sync processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8315T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8315T Datasheet HTML 3Page - NXP Semiconductors TDA8315T Datasheet HTML 4Page - NXP Semiconductors TDA8315T Datasheet HTML 5Page - NXP Semiconductors TDA8315T Datasheet HTML 6Page - NXP Semiconductors TDA8315T Datasheet HTML 7Page - NXP Semiconductors TDA8315T Datasheet HTML 8Page - NXP Semiconductors TDA8315T Datasheet HTML 9Page - NXP Semiconductors TDA8315T Datasheet HTML 10Page - NXP Semiconductors TDA8315T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
September 1994
7
Philips Semiconductors
Preliminary specification
Integrated NTSC decoder
and sync processor
TDA8315T
CHROMINANCE BANDPASS CIRCUIT
fc
centre frequency
3.58
MHz
QBP
bandpass quality factor
3
Y DELAY LINE
td
delay time
note 2
390
ns
B
bandwidth of internal delay line
note 2
8
−−
MHz
Y OUTPUT SIGNAL (PIN19)
V19(p-p)
output signal amplitude
(peak-to-peak value)
note 1
2.27
V
ZO
output impedance
350
−Ω
V19
top sync level
2.85
V
S/N
signal-to-noise ratio
notes 2 and 5
56
dB
Colour decoder
CHROMINANCE AMPLIFIER
ACCcr
ACC control range
note 6
24
−−
dB
∆V
change in amplitude of the output signals
over the ACC range
−−
2dB
THRon
threshold colour killer ON
tbf
−31
tbf
dB
HYSoff
hysteresis colour killer OFF
note 2
strong input signal
S/N
≥ 40 dB
+3
dB
noisy input signal
+1
dB
ACL CIRCUIT
chrominance burst ratio at which the ACL
starts to operate
2.3
2.7
REFERENCE PART
Phase-locked loop; note 7 (filter connected to pin 22)
fCR
catching range
300
500
Hz
∆ϕ
phase shift for a
±400 Hz deviation of the
oscillator frequency
note 7
−−
2
deg
Oscillator (pin 24)
TCosc
temperature coefficient of fosc
note 2
2.0
2.5
Hz/K
∆f
osc
fosc deviation with respect to VP
note 2;
VP =8V±10%
−−
250
Hz
RI
input resistance
note 4
1.5
k
CI
input capacitance
note 4
−−
10
pF
HUE CONTROL INPUT (PIN 18)
HUEcr
hue control range
see also Fig.3
±35
±45
deg
SATURATION CONTROL INPUT (PIN 16)
SATcr
saturation control range
see also Fig.4
52
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8315T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
TDA8310A PHILIPS-TDA8310A Datasheet
129Kb / 24P
   PAL/NTSC colour processor for PIP applications
1996 Jan 25
More results

Similar Description - TDA8315T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NTE Electronics
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com