Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I01-0210-01-00 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. I01-0210-01-00
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 1 page
background image
Well suited for SMPS applications
and as a ripple filter
Closed magnetic path minimizes
external magnetic fields
Toroid design provides highest
inductance for it’s size
Custom designs available
ELECTRICAL
SPECIFICA TIONS
Part Number
Inductance
IDC
Inductance
20kHz
Energy
ETOP
DCR
I(L-10%)
I(L-20%)
I(L-30%)
I(L-40%)
Coil
Lead
(uH typ.)*
(Amps)
No DC
Test V
Storage
(V-uSec)
(Ohms max.)
(Amps)
(Amps)
(Amps)
(Amps)
Size
Dia.
(uH typ.)
No DC
(uJ)
Code
(mm)
I01-0210-01-00
210
1.5
368.2
0.146
236.3
165.6
0.304
0.37
0.69
1.08
1.45
A
0.4
I01-0450-01-00
450
1.5
710.0
0.308
506.3
330
0.450
0.34
0.77
1.13
1.59
C
0.4
I01-0950-01-00
950
1.5
1317.0
0.696
1068.8
568.7
0.673
0.7
1.1
1.6
2.1
E
0.4
I01-0120-01-00
120
2
201.1
0.108
240.0
122.4
0.133
0.65
0.99
1.5
1.86
A
0.5
I01-0250-01-00
250
2
399.4
0.231
500.0
247.5
0.217
0.5
1.11
1.6
2.1
C
0.5
I01-0485-01-00
485
2
656.2
0.492
970.0
394.8
0.294
0.84
1.5
2.3
3
E
0.5
I01-0070-01-00
70
3
115.0
0.103
315.0
110
0.068
0.7
1.3
2.1
2.7
B
0.64
I01-0145-01-00
145
3
255.6
0.185
652.5
198.0
0.109
0.71
1.33
1.96
2.6
C
0.64
I01-0285-01-00
285
3
417.5
0.392
1282.5
314.9
0.148
1.32
2.1
2.89
3.81
E
0.64
I01-0450-01-01
450
3
742.4
0.629
2025.0
504.0
0.197
0.88
1.53
2.21
2.96
G
0.64
I01-0022-01-00
22
5
33.5
0.055
275.0
59.4
0.014
1.5
2.9
4
5.2
B
1.1
I01-0055-01-00
55
5
95.8
0.130
687.5
122.1
0.040
1
2.31
3.29
4.55
D
1.1
I01-0100-01-00
100
5
156.3
0.240
1250.0
192.7
0.035
1.92
3.1
4.4
6.01
E
1.1
I01-0170-01-00
170
5
290.0
0.393
2125.0
315
0.046
1.28
2.35
3.3
4.5
G
1.1
I01-0020-01-00
20
7
34.4
0.068
490.0
72.6
0.013
1.49
3.2
4.7
6.9
C
1.3
I01-0055-01-01
55
7
95.2
0.187
1347.5
150.4
0.020
2.31
4
5.7
7.7
E
1.3
I01-0095-01-00
95
7
161.4
0.323
2327.5
236.6
0.028
1.65
3.6
5.3
7.4
H
1.3
I01-0010-01-00
10
10
16.0
0.046
500.0
49.5
0.006
1.2
4.6
7.2
10
C
1.6
I01-0020-01-01
20
10
33.6
0.111
1000.0
89.3
0.008
2.6
6.8
10
12
E
1.6
I01-0030-01-00
30
10
49.6
0.152
1500.0
122
0.009
2.1
4.7
7.5
10
F
1.6
*Measured @ rated current
Mounting Method: Add designator to the end of P/N
S = Skewed, I = In-Line, V = Vertical
Output Power Chokes
ICE COMPONENTS, INC.
www .icecomponents .com
PH 800-729-2099
I01-1




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B82745Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
LFO-17-IPCW output power > 2.0 mW 1 2 List of Unclassifed Manufacturers
Q48DR1R533NRFADelphi Series Q48DR 87W-100W Quarter Brick Dual Output DC/DC Power Modules: 48V in 1.5V and 3.3V 15A out each channel 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1135_06360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
IP1202PBFDual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors PWM Control & Passives 1 2 3 4 5 MoreInternational Rectifier
B82747Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
LFO-18-ICW output power > 0.8 mW 1 2 List of Unclassifed Manufacturers
Q48DW3R312NRFADelphi Series Q48DW 45W Quarter Brick Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A 1 2 3 4 5 MoreDelta Electronics, Inc.
AK4367_05Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer 1 2 3 4 5 MoreAsahi Kasei Microsystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl