Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LCS21A Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LCS21A
Description  1K 2.5V Dual Mode I2C??Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21A Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LCS21A Datasheet HTML 5Page - Microchip Technology 24LCS21A Datasheet HTML 6Page - Microchip Technology 24LCS21A Datasheet HTML 7Page - Microchip Technology 24LCS21A Datasheet HTML 8Page - Microchip Technology 24LCS21A Datasheet HTML 9Page - Microchip Technology 24LCS21A Datasheet HTML 10Page - Microchip Technology 24LCS21A Datasheet HTML 11Page - Microchip Technology 24LCS21A Datasheet HTML 12Page - Microchip Technology 24LCS21A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2005 Microchip Technology Inc.
DS21161G-page 9
24LCS21A
4.0
WRITE OPERATION
4.1
Byte Write
Following the Start signal from the master, the slave
address (four bits), three zero bits (000) and the R/W
bit which is a logic low are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte
transmitted by the master is the word address and will
be written into the Address Pointer of the 24LCS21A.
After receiving another Acknowledge signal from the
24LCS21A the master device will transmit the data
word to be written into the addressed memory location.
The 24LCS21A acknowledges again and the master
generates a Stop condition. This initiates the internal
write cycle, and during this time the 24LCS21A will not
generate Acknowledge signals (Figure 4-1).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is
ignored during the self-timed program operation.
Changing VCLK from high-to-low during the self-timed
program operation will not halt programming of the
device.
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LCS21A in the same way
as in a byte write. But instead of generating a Stop
condition the master transmits up to eight data bytes to
the 24LCS21A, which are temporarily stored in the on-
chip page buffer and will be written into the memory
after the master has transmitted a Stop condition. After
the receipt of each word, the three lower order Address
Pointer bits are internally incremented by one. The
higher order five bits of the word address remains
constant. If the master should transmit more than eight
words prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received an
internal write cycle will begin (Figure 5-2).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is
ignored during the self-timed program operation.
Changing VCLK from high-to-low during the self-timed
program operation will not halt programming of the
device.
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start
at
addresses
that
are
integer
multiples of the page buffer size (or ‘page
size’) and end at addresses that are
integer multiples of [page size – 1]. If a
Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.


Similar Part No. - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com