Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE6A122HF2R Datasheet(PDF) 2 Page - Hongfa Technology

Part # JE6A122HF2R
Description  HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE6A122HF2R Datasheet(HTML) 2 Page - Hongfa Technology

  JE6A122HF2R Datasheet HTML 1Page - Hongfa Technology JE6A122HF2R Datasheet HTML 2Page - Hongfa Technology JE6A122HF2R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
baa
ia
ha_g
e^c_e
e^Le_c
Lg_e
bj
a_i
*H?4 m 2>=C02C C4A<8=0;
cj_i
f_ai
g
,6. c r>A< m
zDC;8=4 p8<4=B8>=B
1TRSOMHQ RPHFKEL FOGH
[z=;H 5>A B?4280; A4@D8A4<4=CB\
4_6_ [ffb\ BC0=3B 5>A }>t~ 2><?;80=C [o03<8D< 2>=C08=8=6 2>=C02CB\
[fff\ BC0=3B 5>A }>t~ 2><?;80=C [o03<8D<^5A44 2>=C02CB\
b\
chd
<>23>7;5 7;4<>:/@7<;
BHQRKON
@VPH
vqg
^m `
n
1OKL UOLSEJH
bc] ce] ei,po
bc
^b
7NRTLESKON RSENGEQG
0. o;0BB n4. o;0BB r
[...\
^ct
1ONSEFS IOQM
*
@. m6~=zcu=czd ;KL. m6o3z
1ONSEFS MESHQKEL
^}
/. *H?4 m 2>=C02C C4A<8=0;
0. *H?4 n 2>=C02C C4A<8=0;
?OQS
+. b 2>8; ;0C278=6
,. c 2>8;B ;0C278=6
>. y460C8E4 ?>;0A8CH
;KL. {>B8C8E4 ?>;0A8CH
=OLEQKSV
<A@97;3 27:3;?7<;? /;2 C7>7;5 27/5>/:
+=8Ck <<
ii
hi
fa
ha_g
;OSHR. b\ vqg 8B 0= 4=E8A>=<4=C0; 5A84=3;H ?A>3D2C_{;40B4 <0A: 0 B?4280; 2>34 [fff\ >A [ffb\ F74= >A34A8=6_ [ffb\ BC0=3B }>t~ 2><?;80=C F8C7
o03<8D< 2>=C02Cl [fff\ BC0=3B 5>A }>t~ 2><?;80=C F8C7 o03<8D<^5A44 2>=C02C_


Similar Description - JE6A122HF2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com