Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LCS21A Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LCS21A
Description  1K 2.5V Dual Mode I2C??Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21A Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LCS21A_05 Datasheet HTML 6Page - Microchip Technology 24LCS21A_05 Datasheet HTML 7Page - Microchip Technology 24LCS21A_05 Datasheet HTML 8Page - Microchip Technology 24LCS21A_05 Datasheet HTML 9Page - Microchip Technology 24LCS21A_05 Datasheet HTML 10Page - Microchip Technology 24LCS21A_05 Datasheet HTML 11Page - Microchip Technology 24LCS21A_05 Datasheet HTML 12Page - Microchip Technology 24LCS21A_05 Datasheet HTML 13Page - Microchip Technology 24LCS21A_05 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
24LCS21A
DS21161G-page 10
© 2005 Microchip Technology Inc.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
VCLK WRITE ENABLE TIMING
Bus Activity
Master
SDA Line
Bus Activity
Control
Byte
Word
Address
Data
S
T
O
P
S
T
A
R
T
A
C
K
S
P
A
C
K
A
C
K
VCLK
SCL
SDA
IN
VCLK
THD:STA
TSU:STO
TVHST
TSPVL


Similar Part No. - 24LCS21A_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - 24LCS21A_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com