Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS300 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS300
Description  KEE LOQ Code Hopping Encoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS300_01 Datasheet HTML 6Page - Microchip Technology HCS300_01 Datasheet HTML 7Page - Microchip Technology HCS300_01 Datasheet HTML 8Page - Microchip Technology HCS300_01 Datasheet HTML 9Page - Microchip Technology HCS300_01 Datasheet HTML 10Page - Microchip Technology HCS300_01 Datasheet HTML 11Page - Microchip Technology HCS300_01 Datasheet HTML 12Page - Microchip Technology HCS300_01 Datasheet HTML 13Page - Microchip Technology HCS300_01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HCS300
DS21137F-page 10
© 2001 Microchip Technology Inc.
5.0
SPECIAL FEATURES
5.1
Code Word Completion
The code word completion feature ensures that entire
code words are transmitted, even if the button is
released before the code word is complete. If the but-
ton is held down beyond the time for one code word,
multiple code words will result. If another button is acti-
vated during a transmission, the active transmission
will be aborted and a new transmission will begin using
the new button information.
5.2
LED Output Operation
During normal transmission the LED output is LOW. If
the supply voltage drops below the low voltage trip
point, the LED output will be toggled at approximately
5Hz during the transmission (Section 3.6.4).
5.3
RPT: Repeat Indicator
This bit will be low for the first transmitted word. If a
button is held down for more than one transmitted code
word, this bit will be set to indicate a repeated code
word and remain set until the button is released.
5.4
VLOW: Voltage LOW Indicator
The VLOW signal is transmitted so the receiver can
give an indication to the user that the transmitter bat-
tery is low. The VLOW bit is included in every transmis-
sion
(Figure 4-2
and
Figure 8-4)
and
will
be
transmitted as a zero if the operating voltage is above
the low voltage trip point. Refer to Figure 4-2. The trip
point is selectable based on the battery voltage being
used. See Section 3.6.3 for a description of how the
low voltage trip point is configured.
5.5
Auto-shutoff
The Auto-shutoff function automatically stops the
device from transmitting if a button inadvertently gets
pressed for a long period of time. This will prevent the
device from draining the battery if a button gets
pressed while the transmitter is in a pocket or purse.
This function can be enabled or disabled and is
selected by setting or clearing the Auto-shutoff bit (see
Section 3.5.1). Setting this bit high will enable the func-
tion (turn Auto-shutoff function on) and setting the bit
low will disable the function. Time-out period is approx-
imately 25 seconds.
5.6
Seed Transmission
In order to increase the level of security in a system, it
is possible for the receiver to implement what is known
as a secure learn function. This can be done by utilizing
the seed value stored in EEPROM, transmitted only
when all four button inputs are pressed at the same
time (Table 5-1). Instead of the normal key generation
inputs being used to create the crypt key, this seed
value is used.
TABLE 5-1:
PIN ACTIVATION TABLE
Function
S3
S2
S1
S0
Standby
0
00
0
0
Hopping Code
1
00
0
1
2
00
1
0
-
--
-
-
13
11
0
1
14
11
1
0
Seed Code
15
11
1
1


Similar Part No. - HCS300_01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS300-I-P MICROCHIP-HCS300-I-P Datasheet
275Kb / 28P
   KEELOQ Code Hopping Encoder
10/01/01
HCS300-I-SN MICROCHIP-HCS300-I-SN Datasheet
275Kb / 28P
   KEELOQ Code Hopping Encoder
10/01/01
HCS300-IP MICROCHIP-HCS300-IP Datasheet
138Kb / 20P
   KEE LOQ Code Hopping Encoder
2001
HCS300-ISN MICROCHIP-HCS300-ISN Datasheet
138Kb / 20P
   KEE LOQ Code Hopping Encoder
2001
HCS300-P MICROCHIP-HCS300-P Datasheet
138Kb / 20P
   KEE LOQ Code Hopping Encoder
2001
More results

Similar Description - HCS300_01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS300 MICROCHIP-HCS300 Datasheet
138Kb / 20P
   KEE LOQ Code Hopping Encoder
2001
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
   KEELOQ Code Hopping Encoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
   KEELOQ CODE HOPPING ENCODER
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com