Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE6B242HF1R Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE6B242HF1R
Description  HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE6B242HF1R Datasheet(HTML) 1 Page - Hongfa Technology

  JE6B242HF1R Datasheet HTML 1Page - Hongfa Technology JE6B242HF1R Datasheet HTML 2Page - Hongfa Technology JE6B242HF1R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4HESTQHR
~8=6;4 o>8;kbc-lp>D1;4 o>8;kce-
o>8; ?>F4A
o>=C02C 0AA0=64<4=C
p84;42CA82
BCA4=6C7
~7>2:
A4B8BC0=24
;OSHR. b\ *74 30C0 B7>F= 01>E4 0A4 8=8C80; E0;D4B_
c\ q@D8E0;4=C C> C74 <0G_ 8=8C80; 2>=C02C A4B8BC0=24 8B fa< [0C bm
ce,po\] 0=3 <40BDA43 F74= 2>8; 8B 4=4A68I43 F8C7 baaY =><8=0;
E>;C064 0C cf _
d\ -74= A4@D8A8=6 >C74A =><8=0; E>;C064] B?4280; >A34A 0;;>F43_
;OSKFH
b_ }4;0H 8B >= C74 NB4CO BC0CDB F74= 148=6 A4;40B43 5A>< BC>2:] F8C7
C74 2>=B834A0C8>= >5 B7>2: A8B4= 5A>< CA0=B8C 0=3 A4;0H <>D=C8=6]
A4;0H F>D;3 14 270=643 C> NA4B4CO BC0CDB] C74A45>A4] F74= 0??;820C8>=
[ 2>==42C8=6 C74 ?>F4A BD??;H\] ?;40B4 A4B4C C74 A4;0H C> NB4CO >A
NA4B4CO BC0CDB >= A4@D4BC_
c_ u= >A34A C> <08=C08= NB4CO >A NA4B4CO BC0CDB] 4=4A68I43 E>;C064 C>
2>8; B7>D;3 A4027 C74 A0C43 E>;C064] 8<?D;B4 F83C7 B7>D;3 14 f
C8<4B <>A4 C70= NB4CO >A NA4B4CO C8<4_p> =>C 4=4A68I4 E>;C064 C>
NB4CO 2>8; 0=3 NA4B4CO 2>8; B8<D;C0=4>DB;H_m=3 0;B> ;>=6 4=4A68I43
C8<4 [<>A4 C70= b <8=\ B7>D;3 14 0E>8343_
d_ *74 C4A<8=0;B >5 A4;0H F8C7>DC CF8BC43 2>??4A F8A4 20= =>C 14 C8=^
B>;34A43] 20= =>C 14 <>E43 F8;;5D;;H] <>A4 >E4A CF> C4A<8=0;B 20=
=>C 14 58G43 0C C74 B0<4 C8<4_
tzysrm }qwm/
u~zjaabSu~z`*~bgjej Su~zbeaab Szt~m~biaab oq}*uruqp
caah }4E_ c_aa
chc
83-
6756 =<C3> 9/@167;5 >39/D
cm
*H?_k fa<, [0C bam\
x0G_k cfa<, [0C bam\
m6~=zcu=czd]m6o3z
caam chh,mo`ci,po
eea,mo
caam
ffeaa,m ` fgaa-
b G baf z{~
b G bae z{~
1<;@/1@ 2/@/
16/>/1@3>7?@71?
baaax [0C faa,po\
eaaa,mo b<8=
caaa,mo b<8=
i<<
da<B <0G_
da<B <0G_
baa<`Bc [ba6\
baaa<`Bc [baa6\
batIC> fftI b_a<< pm
jiY }t] ea>o
^ea>o C> if>o
{onZ|o
m??A>G_ faa6
pDBC ?A>C42C43
1<79
bc
ce
ei
bc
ce
ei
j_g
bj_c
di_e
j_g
bj_c
di_e
caa
caa
caa
caa
caa
caa
bc
ei
bja
c G g
c G ce
c G jf
U w0C278=6 A4;0H
U caam BF8C278=6 20?018;8CH
U ~CA>=6 A4B8BC0=24 018;8CH C> B7>2: Z E81A0C8>=
U t40EH ;>03 D? C> ff_e:,m
U e:, 384;42CA82 BCA4=6C7 [14CF44= 2>8; 0=3 2>=C02CB\
U q=E8A>=<4=C0; 5A84=3;H ?A>3D2C [}>t~ 2><?;80=C\
U zDC;8=4 p8<4=B8>=Bk[baa_a G ia_a G cj_i\ <<
o>=C02C <0C4A80;
o>=C02C A0C8=6 [}4B_ ;>03\
x0G_ BF8C278=6 E>;C064
x0G_ BF8C278=6 2DAA4=C
x0G_ BF8C278=6 ?>F4A
x4270=820; 4=3DA0=24
q;42CA820; 4=3DA0=24
1<79 2/@/ d\
u=BD;0C8>= A4B8BC0=24
n4CF44= 2>8; Z 2>=C02CB
n4CF44= >?4= 2>=C02CB
oA44?064 38BC0=24
z?4A0C4 C8<4 [0C =><8_ E>;C_\
}4;40B4 C8<4 [0C =><8_ E>;C_\
rD=2C8>=0;
p4BCAD2C8E4
,81A0C8>= A4B8BC0=24
tD<838CH
m<184=C C4<?4A0CDA4
*4A<8=0C8>=
+=8C F4867C
o>=BCAD2C8>=
{82:^D?
,>;C064
,po
{D;B4
pDA0C8>=
<B
o>8; }4B8BC0=24
G [b baY\
y><8=0;
,>;C064
,po
~8=6;4
o>8;
p>D1;4
o>8;B
0C cd
,>;C064 3A>? c\


Similar Description - JE6B242HF1R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com