Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C32 Datasheet(PDF) 7 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24C32 Datasheet HTML 3Page - Microchip Technology 24C32 Datasheet HTML 4Page - Microchip Technology 24C32 Datasheet HTML 5Page - Microchip Technology 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology 24C32 Datasheet HTML 10Page - Microchip Technology 24C32 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2004 Microchip Technology Inc.
DS21061H-page 7
24C32
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the master, the device ini-
tiates the internally timed write cycle. ACK polling can
be initiated immediately. This involves the master send-
ing a start condition followed by the control byte for a
write command (R/W = 0). If the device is still busy with
the write cycle, then no ACK will be returned. If the
cycle is complete, then the device will return the ACK
and the master can then proceed with the next read or
write command. See Figure 5-1 for flow diagram
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
6.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to one. There are three basic
types of read operations: current address read, random
read, and sequential read.
6.1
Current Address Read
The 24C32 contains an address counter that maintains
the address of the last word accessed, internally incre-
mented by one. Therefore, if the previous access
(either a read or write operation) was to address n (n is
any legal address), the next current address read oper-
ation would access data from address n + 1. Upon
receipt of the slave address with R/W bit set to one, the
24C32 issues an acknowledge and transmits the eight
bit data word. The master will not acknowledge the
transfer but does generate a stop condition and the
24C32 discontinues transmission (Figure 6-1).
6.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24C32 as part of a write operation (R/W bit set to 0).
After the word address is sent, the master generates a
start condition following the acknowledge. This termi-
nates the write operation, but not before the internal
address pointer is set. Then the master issues the con-
trol byte again but with the R/W bit set to a one. The
24C32 will then issue an acknowledge and transmit the
eight bit data word. The master will not acknowledge
the transfer but does generate a stop condition which
causes
the
24C32
to
discontinue
transmission
(Figure 6-2).
FIGURE 6-1:
CURRENT ADDRESS READ
CONTROL
A
C
K
S
T
A
R
T
S
T
O
P
BYTE
DATA n
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
N
O
S
P


Similar Part No. - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
logo
ATMEL Corporation
24C32 ATMEL-24C32 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
logo
Microchip Technology
24C32-I/P MICROCHIP-24C32-I/P Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24C32-I/SM MICROCHIP-24C32-I/SM Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24C320-EP MICROCHIP-24C320-EP Datasheet
86Kb / 12P
   32K 5.0V SPI Bus Serial EEPROM
2004
More results

Similar Description - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24LC32 MICROCHIP-24LC32 Datasheet
137Kb / 14P
   32K 2.5V I2C??Smart Serial EEPROM
2004
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
   32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
   64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com