Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV6024ZLQTR Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV6024ZLQTR
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV6024ZLQTR Datasheet(HTML) 1 Page - Hongfa Technology

  HFV6024ZLQTR Datasheet HTML 1Page - Hongfa Technology HFV6024ZLQTR Datasheet HTML 2Page - Hongfa Technology HFV6024ZLQTR Datasheet HTML 3Page - Hongfa Technology HFV6024ZLQTR Datasheet HTML 4Page - Hongfa Technology HFV6024ZLQTR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
<?
T_lgch[ncih
Dihmnlo]ncih
Uhcn q_cabn
UL@;4IC il \_nn_l 1g__nm GMVSS :792
QD3 PDC >2
Pf[mnc] m_[f_^3 Eomn jlin_]n_^
Bjjlir5 99a
]ip_l l_n_hncih 1joff 0 jomb2A 977N gch5
n_lgch[f l_n_hncih 1joff 0 jomb2A 877N gch5
n_lgch[f l_mcmn[h]_ ni \_h^cha
1`lihn 0 mc^_2A 87N gch5 @2
~ :7B mqcn]bcha ][j[\cfcns
~ Bg\c_hn n_gj5 l[ha_ oj ni 89<
~ 8 Gilg B 0 8 Gilg D ]ihn[]n [ll[ha_g_hn
~ Pf[mnc] m_[f_^ [h^ ^omn jlin_]n_^ nsj_m [p[cf[\f_
~ RiIS0 FLV ]igjfc[hn
82 Gil NO ]ihn[]nm3 g_[mol_^ qb_h [jjfscha 877/ l[n_^ pin[a_ ih ]icf5
92 S__ -Li[^ fcgcn ]olp_- `il ^_n[cfm5
:2 8gch3 f_[e[a_ ]oll_hn f_mm nb[h 8gB5
;2 Tb_ p[fo_ cm g_[mol_^ qb_h pifn[a_ ^lijm mo^^_hfs `lig higch[f pifn[a_
ni 7 VED [h^ ]icf cm hin j[l[ff_f_^ qcnb mojjl_mmcih ]cl]ocn5
<2 Wb_h _h_lact_^3 ij_hcha ncg_ i` NO ]ihn[]nm mb[ff hin _r]__^ 877vm3
qb_h hih4_h_lact_^3 ij_hcha ncg_ i` ND ]ihn[]nm mb[ff hin _r]__^
877vm3 g_[hncg_3 NO ]ihn[]nm mb[ff hin \_ ]fim_^5
=2 GMVSSA G_^_l[f Minil V_bc]f_ S[`_ns Sn[h^[l^5
>2 Sch]_ cn cm [h _hpclihg_hn[f `lc_h^fs jli^o]n3 jf_[m_ m_f_]n f_[^4`l__
mif^_l qb_h q_f^cha5 Tb_ l_]igg_h^_^ mif^_lcha n_gj_l[nol_ [h^
ncg_ cm 19<7 :2 31< 75:2m5
?2 Ohfs p[fc^ `il QD p_lmcih5
@2 T_mn jichn cm [n 9gg [q[s `lig n_gch[f _h^3 [h^ [`n_l l_gipcha n_mncha
`il]_3 nb_ n_lgch[f nl[hm`caol[ncih mb[ff hin _r]__^ 75<gg5
872 Ohfs `il nb_ 89VED ]icf pifn[a_ nsj_5
6LIVWTLU
BZSNJIO 2SSONJIVNRQU
Vifn[a_ ^lij 1chcnc[f2
Oj_l[n_ ncg_ 872
R_f_[m_ ncg_ ;2 872
Ec_f_]nlc] mnl_hanb :2
IONHGB RFLBY
JSO@7783 JSO6TS8=@;@ 3 JSO8;7783 OISBS8?7783 JFDQ QD 7?7777 DFRTJGJFE
978< R_p5 8577
87
87
97
87
444
444
87
87
9?
=
444
444
8:5<VED
9>VED
R_mcmncp_
Jh^o]ncp_
L[gj ;2
R_mcmncp_
Jh^o]ncp_
L[gj ;2
97
97
;7
97
877 92
97
97
97
:?
8<
>7 92
>
:7
:7
;7
97
877 92
97
97
97
:?
8<
>7 92
>
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
8w87<
8w87<
8w87<
8w87<
8w87<
8w87<
BaShO9
BaShO9
BaShO9
BaShO9
BaShO9
BaShO9
8B
Li[^
pifn[a_
Li[^ nsj_
Dihn[]n
g[n_lc[f
Li[^ qclcha
^c[al[g :2
8D
Li[^ ]oll_hn B
Ff_]nlc][f
_h^ol[h]_
OPS
M[e_
Cl_[e
M[e_ 82
Cl_[e
M[e_
Cl_[e
M[e_
Cl_[e
M[e_ 82
Cl_[e
M[e_
Cl_[e
Oh6O`` l[nci
Oh
m
O``
m
S__ ^c[al[g 8
il ^c[al[g ;
S__
^c[al[g :
S__ ^c[al[g 9
il ^c[al[g <
S__ ^c[al[g 8
il ^c[al[g ;
S__
^c[al[g :
S__ ^c[al[g 9
il ^c[al[g <
Bg\c_hn
n_gj5
87It ni =7It 75:<gg EB
Gf[gg[\cfcns =2
8@=g6m9
=7It ni <77It ;@g6m9
86D0
8B3 8D
NOATsj58<gV39<7gV g[r51[n 87B2
NDATsj59<gV39<7gV g[r51[n 87B2
:7B 1R_mcmncp_2
:7B 1R_mcmncp_2
9>VED 1R_mcmncp_2
8B =VED
S__ -DONTBDT EBTB-
8r87>OPS 1:77OPS6gch2
877M 1[n <77VED2
<77VBD
Tsj5A <gm 1[n higc5 pif52
M[r5A 87gm 1[n higc5 pif52
Tsj5A 9gm
M[r5A 87gm
4;7
ni 89<
2CB><>B9D5 @5;2G
Dihn[]n [ll[ha_g_hn
M[r5 ]ihnchoiom ]oll_hn 82 872
M[r5 mqcn]bcha ]oll_hn 872
M[r5 mqcn]bcha pifn[a_ 92
Mch5 ]ihn[]n fi[^
Ff_]nlc][f _h^ol[h]_
M_]b[hc][f _h^ol[h]_
Jhcnc[f chmof[ncih l_mcmn[h]_
382@23B5@9AB93A
3>=B23B 42B2 <2
Lcabncha ]ihnlif3 I_[^fcabn ]ihnlif3 Ff_]nlig[ah_n ]ihnlif
Bcl4]ih^cncihcha3 I_[n_lm 1m_[n3 `lihn6l_[l qch^iqm23
G[h ginilm ]ihnlif3 Go_f jogj ]ihnlif3 Wcj_l ginilm ]ihnlif
M_]b[hc][f ^[n[ ?2
NO
ND
NO
Bg\c_hn n_gj_l[nol_
S__
Bg\c_hn
n_gj5
]olp_
Vc\l[ncih l_mcmn[h]_ <2 872
Sbi]e l_mcmn[h]_ <2 872


Similar Part No. - HFV6024ZLQTR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6-G HONGFA-HFV6-G Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D HONGFA-HFV6-G/12-HSTN-D Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D1 HONGFA-HFV6-G/12-HSTN-D1 Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV6024ZLQTR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com