Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE925HSR1 Datasheet(PDF) 2 Page - Hongfa Technology

Part # JE925HSR1
Description  HIGH POWER LATCHING RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE925HSR1 Datasheet(HTML) 2 Page - Hongfa Technology

  JE925HSR1 Datasheet HTML 1Page - Hongfa Technology JE925HSR1 Datasheet HTML 2Page - Hongfa Technology JE925HSR1 Datasheet HTML 3Page - Hongfa Technology JE925HSR1 Datasheet HTML 4Page - Hongfa Technology JE925HSR1 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7;6
8=
73:9
53=
=
73=
:35=
w637
6>35=
KF>27
53;9q53;9
83:
w637
6>35=
w83:
Mhngmbg` T^kfbgZe
73=
73:9
KF>26
:35=
73=
73:9
w637
KF>28
?7 6 Ghkf B
@7 Jgknla
DUW7 SmZg]Zk]
8^Z @7 S^^ [^ehp ]bk^\mbhg h_ lhe]^k pbk^
DUW7 Wbmahnm lhe]^k pbk^
IaU]^QP OZ[[Q\ aU\Q WQYS^T =U\]^
b7 e^g`ma h_ e^_m lb]^ HQOZYP b7 e^g`ma h_ kb`am lb]^
HZWPQ\ PU\QO^UZY ZR ^aU]^QP aU\Q
:_]^ZXQ\ ][QOUNW OZPQ
/Oger _hk li^\bZe k^jnbk^f^gml0
^3`3 /::60 lmZg]l _hk RhIS \hfiebZgm /DZ]fbnf \hgmZbgbg` \hgmZ\ml0
/:::0 lmZg]l _hk RhIS \hfiebZgm /DZ]fbnf2_k^^ \hgmZ\ml0
60
70
80
90
/Chmmhf ob^p0
EG;<G@D> @D=EGC8I@ED
Onmebg^ Ebf^glbhgl
EJIB@D< ;@C<DH@EDH+ L@G@D> ;@8>G8C 8D; F: 9E8G; B8MEJI
Ugbm? ff
KQ\]UZY
Ic[Q
KF>
28
:ZUW `ZW^NSQ
:1 ;1 >1 671 791 9=VED
67
S
/XXX0
2I
:ZY^NO^ RZ\X
T
I7 B`SgO7
DUW? B`D]O
:ZY^NO^ XN^Q\UNW
2R
G. ^Z G27 N^`Zmbo^ iheZkbmr /S^^ ]bZ`kZf pbkbg` [^ehp0 DUW? Phlbmbo^ iheZkbmr
FZWN\U^c
.7 6 mri^1 PDC m^kfbgZel
/7 7 mri^1 PDC m^kfbgZel
07 Ehn[e^ Dhbe
B X2X
J4
BZNP ^c[Q
:ZY]^\_O^UZY
H7 WZla mb`am
DUW? Enlm ikhm^\m^]
KF>
IG=:5> /Oe] mri^0
/S^^ ma^ _heehpbg`0
PDC LZrhnm
DZ^Q]7 60 W^ aZo^ ghp `kZ]nZeer ni]Zm^] hnk hk]^kbg` bg_hkfZmbhg3 W^ ln``^lm g^p mri^ lahne] [^ l^e^\m^]3
70 Ghk ab`a bgknla ehZ] pbma ma^ lm^Z]r2lmZm^ \nkk^gm h_ e^ll maZg 95B1 ie^Zl^ \ahhl^ mri^ J3
80 Ug]^k ma^ Zf[b^g\^ pbma ]Zg`^khnl `Zl ebd^ I7S1 SO7 hk NO71 pZla mb`am mri^ bl k^\hff^g]^]@ ie^Zl^ m^lm ma^ k^eZr bg k^Ze Ziieb\Zmbhgl3
J_ ma^ Zf[b^g\^ Zeehpl1 ]nlm ikhm^\m^] bl ik^_^k^gmbZeer k^\hff^g]^]3
90 KF> bl Zg ^gobkhgf^gmZe _kb^g]er ikh]n\m3 Pe^Zl^ fZkdZ li^\bZe \h]^ /:::0 hk /::60 pa^g hk]^kbg`3 /::60 lmZg]l RhIS \hfiebZgm pbma
DZ]fbnf \hgmZ\m@ /:::0 lmZg]l _hk RhIS \hfiebZgm pbma DZ]fbnf2_k^^ \hgmZ\m3


Similar Description - JE925HSR1

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com