Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA46 Datasheet(PDF) 10 Page - Microchip Technology

Part # 93AA46
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93AA46_04 Datasheet HTML 6Page - Microchip Technology 93AA46_04 Datasheet HTML 7Page - Microchip Technology 93AA46_04 Datasheet HTML 8Page - Microchip Technology 93AA46_04 Datasheet HTML 9Page - Microchip Technology 93AA46_04 Datasheet HTML 10Page - Microchip Technology 93AA46_04 Datasheet HTML 11Page - Microchip Technology 93AA46_04 Datasheet HTML 12Page - Microchip Technology 93AA46_04 Datasheet HTML 13Page - Microchip Technology 93AA46_04 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
93AA46/56/66
DS20067J-page 10
 2004 Microchip Technology Inc.
FIGURE 2-8:
ERAL TIMING
Ensured at Vcc = +4.5V to +6.0V.
1
0
CS
CLK
DI
DO
TCSL
Tri-state
TEC
Busy
Ready
Standby
0
Tri-state
Check Status
10
TCZ
TSV


Similar Part No. - 93AA46_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46-P MICROCHIP-93AA46-P Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA46-SM MICROCHIP-93AA46-SM Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA46-SN MICROCHIP-93AA46-SN Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA465A-E/CH MICROCHIP-93AA465A-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93AA46_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com