Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J308 Datasheet(PDF) 3 Page - ON Semiconductor

Part # J308
Description  JFET VHF/UHF Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J308 Datasheet(HTML) 3 Page - ON Semiconductor

  J308 Datasheet HTML 1Page - ON Semiconductor J308 Datasheet HTML 2Page - ON Semiconductor J308 Datasheet HTML 3Page - ON Semiconductor J308 Datasheet HTML 4Page - ON Semiconductor J308 Datasheet HTML 5Page - ON Semiconductor J308 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J308
http://onsemi.com
3
C1 = C2 = 0.8 − 10 pF, JFD #MVM010W.
C3 = C4 = 8.35 pF Erie #539−002D.
C5 = C6 = 5000 pF Erie (2443−000).
C7 = 1000 pF, Allen Bradley #FA5C.
RFC = 0.33 μH Miller #9230−30.
L1 = One Turn #16 Cu, 1/4″ I.D. (Air Core).
L2P = One Turn #16 Cu, 1/4″ I.D. (Air Core).
L2S = One Turn #16 Cu, 1/4″ I.D. (Air Core).
50
Ω
SOURCE
50
Ω
LOAD
U310
C3
C2
C6
C7
C4
1.0 k
RFC
L1
L2P
L2S
+VDD
C1
C5
Figure 1. 450 MHz Common−Gate Amplifier Test Circuit
70
60
50
40
30
20
−5.0
−4.0
−3.0
−2.0
−1.0
0
ID − VGS, GATE−SOURCE VOLTAGE (VOLTS)
10
0
70
60
50
40
30
20
10
IDSS − VGS, GATE−SOURCE CUTOFF VOLTAGE (VOLTS)
Figure 2. Drain Current and Transfer
Characteristics versus Gate−Source Voltage
VDS = 10 V
IDSS
+25
°C
TA = −55°C
+25
°C
+25
°C
−55
°C
+150
°C
+150
°C
VGS, GATE−SOURCE VOLTAGE (VOLTS)
5.0
4.0
3.0
2.0
1.0
0
35
30
25
20
15
10
5.0
0
Figure 3. Forward Transconductance
versus Gate−Source Voltage
VDS = 10 V
f = 1.0 MHz
TA = −55°C
+25
°C
+150
°C
+25
°C
−55
°C
+150
°C
ID, DRAIN CURRENT (mA)
100 k
10 k
1.0 k
100
1.0 k
100
10
1.0
0.01
0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100
VGS(off) = −2.3 V =
VGS(off) = −5.7 V =
Figure 4. Common−Source Output
Admittance and Forward Transconductance
versus Drain Current
Yfs
Yfs
Yos
VGS, GATE SOURCE VOLTAGE (VOLTS)
5.0
4.0
3.0
2.0
1.0
0
6.0
7.0
8.0
9.0
10
10
7.0
4.0
1.0
0
120
96
72
48
24
0
RDS
Cgs
Cgd
Figure 5. On Resistance and Junction
Capacitance versus Gate−Source Voltage


Similar Part No. - J308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Micross Components
J308 MICROSS-J308 Datasheet
293Kb / 1P
   Linear Systems replaces discontinued Siliconix J308
logo
Calogic, LLC
J308 CALOGIC-J308 Datasheet
26Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
InterFET Corporation
J308 INTERFET-J308 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Linear Integrated Syste...
J308 LINEAR-J308 Datasheet
294Kb / 2P
   SINGLE N-CHANNEL HIGH FREQUENCY JFET
More results

Similar Description - J308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
   JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com