Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV40061H4G Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV40061H4G
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV40061H4G Datasheet(HTML) 1 Page - Hongfa Technology

  HFV40061H4G Datasheet HTML 1Page - Hongfa Technology HFV40061H4G Datasheet HTML 2Page - Hongfa Technology HFV40061H4G Datasheet HTML 3Page - Hongfa Technology HFV40061H4G Datasheet HTML 4Page - Hongfa Technology HFV40061H4G Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
;7
6t65:
95
95
85
85
63:
63:
78
85
85
75
75
95
95
95
95
6t65:
63:
63:
6>
78
675 70
75
222
222
6t65:
675 70
75
QlgjY_] l]eh]jYlmj]
TaZjYlagf j]kaklYf[]
Q`g[c j]kaklYf[]
R]jeafYlagf
Cgfkljm[lagf
295 lg 6::
65Hr lg 95Hr 63:ee DA
>=e4k7 /65_0
OC1 NCB :0
UYk` la_`l1 Dmkl hjgl][l]\
U]Yl`]j2hjgg^ [gn]j? Ahhjgp3 ::_
Ml`]jk? Ahhjgp3 8:_
[gn]j j]l]flagf /hmdd - hmk`0? 79:L eaf3
l]jeafYd j]l]flagf /hmdd - hmk`0? 655L eaf3
l]jeafYd j]kakalYf[] lg Z]f\af_
/^jgfl - ka\]0? 65L eaf3
IfalaYd afkmdYlagf j]kaklYf[]
60 EimanYd]fl lg l`] eYp3 afalaYd [gflY[l j]kaklYf[] ak 655e /Yl 6A ;TDC03
70 N]Yc kmj_] [mjj]fl g^ dYeh dgY\ mf\]j l`] ngdlY_] g^ 69TDC3
80 6eaf1 d]YcY_] [mjj]fl d]kk l`Yf 6eA3
90 R`] nYdm] ak e]Ykmj]\ o`]f ngdlY_] \jghk km\\]fdq ^jge fgeafYd
ngdlY_] lg 5 TDC Yf\ [gad ak fgl hYjYdd]d]\ oal` kmhhj]kkagf [aj[mal3
:0 Qaf[] al ak Yf ]fnajgfe]flYd ^ja]f\dq hjg\m[l1 hd]Yk] k]d][l d]Y\2^j]]
kgd\]j o`]f o]d\af_3 R`] j][gee]f\]\ kgd\]jaf_ l]eh]jYlmj] Yf\
lae] ak 795 lg 7;5 17klg:k3
60 R`] dgY\ af l`] lYZd] ]p[dm\]k ^dYk`]j3 U`]f Yhhda]\ af ^dYk`]j1 Y kh][aYd kadn]j Yddgq /A_QfM70 [gflY[l eYl]jaYd k`gmd\ Z] mk]\ Yf\ l`] [mklge]j
kh][aYd [g\] k`gmd\ Z] /6<50 Yk Y km^^ap3 Nd]Yk] `]]\ l`] Yfg\] Yf\ [Yl`g\].k j]im]kl o`]f oaj]\1 l]jeafYd 85 k`gmd\ [gff][l oal` Yfg\]3
70 Cgjj]khgf\k lg l`] h]Yc afjmk` [mjj]fl gf afalaYd Y[lmYlagf /[gd\ ^adYe]fl03
>TNIEDJ /NNJIEDQIMLP
3GDQROGP
TgdlY_] \jgh /afalaYd0 60
6A1 6C
Rqh3? 95eT /Yl 65A0
KYp3? 7:5eT /Yl 65A0
LM? 675A
LC? 9:A
LM? ;5A /Yl 78 0
LC? 95A /Yl 78 0
536A ;TDC
6t65: MNQ
6p65<MNQ /855MNQ4eaf0
655K /:55TDC0
Z]lo]]f [gflY[lk? :55TAC
Z]lo]]f [gad - [gflY[lk? :55TAC
KYp3? <ek /Yl fgea3 ngd30
KYp3? :ek 90
295 lg =:
6A
JgY\
ngdlY_]
JgY\ lqh]
CgflY[l
eYl]jaYd
JgY\ oajaf_
\aY_jYe 80
6C
JgY\ [mjj]fl A
Ed][lja[Yd
]f\mjYf[]
MNQ
AeZa]fl
l]eh3
JYeh 60
P]kaklan]
KYc]
Bj]Yc
KYc]
Bj]Yc
KYc]
Bj]Yc
P]kaklan]
Mf4M^^ jYlag
Mf
k
M^^
k
KYp3 gh]jYlaf_ [mjj]fl 70
KYp3 [gflafmgmk [mjj]fl
Q]]
\aY_jYe 6
Q]]
\aY_jYe 7
Sfal o]a_`l
53@,
HMLGFA PEJAW
IQM>556VIQM4RQ6;>9> VIQM69556VMHQAQ6=556 CEPRIFIED
755< P]n3 6355
W 95A koal[`af_ [YhYZadalq
W TYjagmk egmflaf_ l]jeafYlagfk YnYadYZd]
W 6 Fgje A - 6 Fgje C [gflY[l YjjYf_]e]fl
W UYk` la_`l Yf\ \mkl hjgl][l]\ lqh]k YnYadYZd]
W PgHQ - EJT [gehdaYfl
/?>:8:>6@2 <27/B
05/</0>2<6=>60=
CgflY[l YjjYf_]e]fl
Kaf3 [gflY[l dgY\
Ed][lja[Yd ]f\mjYf[]
K][`Yfa[Yd ]f\mjYf[]
0:9>/0> 1/>/ 90
P]Yj oaf\go \]^g__]j1 BYll]jq \ak[gff][lagf1 Cggdaf_ ^Yf [gfljgd1
Fm]d hmeh [gfljgd1 Aaj2[gf\alagfaf_1 Fg_ dYeh - `]Y\da_`l [gfljgd
683:TDC
A_QfM7
A_La536:
A_QfM7
K][`Yfa[Yd \YlY
Da]d][lja[ klj]f_l` 80
LM
LC
LM
Mh]jYl] lae]
P]d]Yk] lae]
AeZa]fl l]eh]jYlmj]


Similar Part No. - HFV40061H4G

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
HFV4 HONGFA-HFV4 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4-SH HONGFA-HFV4-SH Datasheet
71Kb / 4P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD1 HONGFA-HFV4/006-1H1SGD1 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD2 HONGFA-HFV4/006-1H1SGD2 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV40061H4G

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com