Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1626 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1626
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1626 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1626_07 Datasheet HTML 6Page - Dallas Semiconductor DS1626_07 Datasheet HTML 7Page - Dallas Semiconductor DS1626_07 Datasheet HTML 8Page - Dallas Semiconductor DS1626_07 Datasheet HTML 9Page - Dallas Semiconductor DS1626_07 Datasheet HTML 10Page - Dallas Semiconductor DS1626_07 Datasheet HTML 11Page - Dallas Semiconductor DS1626_07 Datasheet HTML 12Page - Dallas Semiconductor DS1626_07 Datasheet HTML 13Page - Dallas Semiconductor DS1626_07 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1626/DS1726
10 of 14
Figure 5. THERMOSTAT OUTPUT OPERATION
CONFIGURATION REGISTER
The configuration register allows the user to customize the DS1626/DS1726 conversion and
thermostat options. It also provides information to the user about conversion status, EEPROM activity,
and thermostat activity. The configuration register is arranged as shown in Figure 6 and detailed
descriptions of each bit are provided in Table 5. This register can be accessed using the Read Config
and Write Config commands. Note that the R1, R0, CPU, and 1SHOT bits are stored in EEPROM and
all other configuration register bits are SRAM.
Figure 6. CONFIGURATION REGISTER
MSb
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
LSb
DONE
THF
TLF
NVB
R1*
R0*
CPU*
1SHOT*
*NV (EEPROM)
TL
TH
TEMP
LOGIC 0
LOGIC 1
TCOM
TEMP
LOGIC 0
LOGIC 1
THIGH
TEMP
LOGIC 0
LOGIC 1
TLOW


Similar Part No. - DS1626_07

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626U DALLAS-DS1626U Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626U MAXIM-DS1626U Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U++ MAXIM-DS1626U+ Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U+T&R MAXIM-DS1626U+T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U/T&R MAXIM-DS1626U/T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results

Similar Description - DS1626_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
   2-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com